Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G66GD Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66GD
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66GD Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G66GD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 9 — 15 December 2016
12 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = Test voltage for switching times.
Fig 19. Test circuit for measuring switching times
Table 11.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
 2.0ns
30pF
1k
open
GND
2
 V
CC
2.3 V to 2.7 V
VCC
 2.0ns
30pF
500
open
GND
2
 V
CC
2.7 V
2.7 V
 2.5ns
50pF
500
open
GND
6 V
3.0 V to 3.6 V
2.7 V
 2.5ns
50pF
500
open
GND
6 V
4.5 V to 5.5 V
VCC
 2.5ns
50pF
500
open
GND
2
 V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com