Electronic Components Datasheet Search
  English  ▼

X  

DNFPBK1 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # DNFPBK1
Description  Cabinet Fan Tops C2TF Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DNFPBK1 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  DNFPBK1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. DNFPBK1 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fan top for use with Four (4) Inch
Fans
Part No.
Part No.
Number of
Black
Light Gray
Fan Holes
C2T1923FBK1
C2T1923FLG1
4
C2T1931FBK1
C2T1931FLG1
6
C2T1936FBK1
C2T1936FLG1
6
C2T2423FBK1
C2T2423FLG1
4
C2T2431FBK1
C2T2431FLG1
6
C2T2436FBK1
C2T2436FLG1
6
Cabinet Fan Tops C2TF Series
Features
Use only with Contempra 2 rack frames.
14 gauge steel construction.
4" fan top panel - fans not included (see below).
4 or 6 opening depending on depth of rack.
Maximum flexibility - add fans OR leave holes open (for cable access) OR
use covers (see below) OR any combination.
Gallery
Fan Top with Pre-wired Four (4) Inch Fans
Part No.
Part No.
Part No.
Part No.
Black
Light Gray
Black
Light Gray
Noise
Thermostat Not Included
Adjustable Thermostat Included
(dB)
C2T1923F4BK1
C2T1923F4LG1
C2T1923F4TBK1
C2T1923F4TLG1
64
C2T1931F4BK1
C2T1931F4LG1
C2T1931F4TBK1
C2T1931F4TLG1
64
C2T1936F4BK1
C2T1936F4LG1
C2T1936F4TBK1
C2T1936F4TLG1
64
C2T2423F4BK1
C2T2423F4LG1
C2T2423F4TBK1
C2T2423F4TLG1
64
C2T2431F4BK1
C2T2431F4LG1
C2T2431F4TBK1
C2T2431F4TLG1
64
C2T2436F4BK1
C2T2436F4LG1
C2T2436F4TBK1
C2T2436F4TLG1
64
Includes a quantity of 4 - long life, ball bearing, 4", 115 volt, 50/60 Hz. AC, 100 CFM fans
Fan Top with Pre-wired Ten (10) Inch Fan
Part No.
Part No.
Part No.
Part No.
Black
Light Gray
Black
Light Gray
Noise
Cable Entry Holes Not Included
Four (4) 3.5 Inch Cable Entry Holes and
Covers Included
(dB)
C2T1923F10BK1 C2T1923F10LG1 C2T1923F10CEBK1
C2T1923F10CELG1
60
Quality Products. Service Excellence.


Similar Part No. - DNFPBK1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DNF PANDUIT-DNF Datasheet
82Kb / 5P
Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects
DNF-110 PANDUIT-DNF-110 Datasheet
82Kb / 5P
Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects
DNF-111 PANDUIT-DNF-111 Datasheet
82Kb / 5P
Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects
DNF-FI PANDUIT-DNF-FI Datasheet
82Kb / 5P
Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects
DNF-FIB PANDUIT-DNF-FIB Datasheet
82Kb / 5P
Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects
More results

Similar Description - DNFPBK1

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HC-11497 BUD-HC-11497 Datasheet
99Kb / 1P
VALU/LINE SERIES CABINET
HC-14100 BUD-HC-14100 Datasheet
107Kb / 1P
VALU/LINE SERIES CABINET
HC-14106 BUD-HC-14106 Datasheet
370Kb / 1P
VALU/LINE SERIES CABINET
logo
OptoSupply Internationa...
OSV5XAT1C1E OPTOSUPPLY-OSV5XAT1C1E Datasheet
110Kb / 1P
Tops 1 Power Violet LED
OSW4XAT1C1S OPTOSUPPLY-OSW4XAT1C1S Datasheet
111Kb / 1P
Tops 1 Power LED
logo
List of Unclassifed Man...
HC-14097 ETC2-HC-14097 Datasheet
99Kb / 1P
VALU/LINE SERIES CABINET
logo
OptoSupply Internationa...
OS5MF3TEC1E OPTOSUPPLY-OS5MF3TEC1E Datasheet
208Kb / 4P
Tops 6WWarm White Ceramic LED
OSB4XAT1C1E OPTOSUPPLY-OSB4XAT1C1E Datasheet
130Kb / 1P
tops 1 power blue led
logo
Bud Industries, Inc.
HC-14104 BUD-HC-14104 Datasheet
386Kb / 1P
VALU/LINE SERIES CABINET
NHC-14157 BUD-NHC-14157 Datasheet
81Kb / 1P
VALU/LINE SERIES CABINET
11-1-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com