Electronic Components Datasheet Search
  English  ▼

X  

DNFPBK1 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # DNFPBK1
Description  Cabinet Fan Tops C2TF Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DNFPBK1 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  DNFPBK1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. DNFPBK1 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fan Cover Plate
Part No.
DNFPBK1
Individually packaged 4 inch hole cover (hardware
included)
Data subject to change without notice.
C2T1931F10BK1 C2T1931F10LG1 C2T1931F10CEBK1
C2T1931F10CELG1
60
C2T1936F10BK1 C2T1936F10LG1 C2T1936F10CEBK1
C2T1936F10CELG1
60
C2T2423F10BK1 C2T2423F10LG1 C2T2423F10CEBK1
C2T2423F10CELG1
60
C2T2431F10BK1 C2T2431F10LG1 C2T2431F10CEBK1
C2T2431F10CELG1
60
C2T2436F10BK1 C2T2436F10LG1 C2T2436F10CEBK1
C2T2436F10CELG1
60
Part No.
Part No.
Part No.
Part No.
Black
Light Gray
Black
Light Gray
Noise
Cable Entry Holes Not Included
Four (4) 3.5 Inch Cable Entry Holes and
Covers Included
(dB)
Includes quantity 1 - 10", 550 CFM, 115 V 50/60 Hz. AC fan
© 2016. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com