Electronic Components Datasheet Search
  English  ▼

X  

S075X075VAC. Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # S075X075VAC.
Description  Self-Laminating Clear Vinyl Film
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

S075X075VAC. Datasheet(HTML) 1 Page - PANDUIT CORP.

  S075X075VAC. Datasheet HTML 1Page - PANDUIT CORP. S075X075VAC. Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18900 Panduit Drive
Tinley Park, IL 60487
Customer Service: 800-777-3300
TDS:
Effective Date:
Revision:
GMV16
18Jul12
7
Technical Data Sheet
Page 1 of 2
 2006 PANDUIT Corp
TDS: GMV16
Self-Laminating Clear Vinyl Film
This specification is intended to outline the physical properties of PANDUIT’s pressure sensitive self-laminating clear vinyl
material and include the following part numbers and printable material identifiers:
Part Number Prefixes
Printable Material Suffixes
TTSL*
VA1Y
V*TY
V*C
PRODUCT SPECIFICATIONS:
Description:
Material is RoHS compliant (European Union
directive 2002/95/EC). Material is a top coated
vinyl film with a pressure sensitive adhesive. This
material is used in a self-laminating format for
wire/cable marking.
Print Methods:
This material is recommended for thermal transfer printing.
Adhesive:
Acrylic based, pressure sensitive adhesive.
Standard Colors:
Clear film with colored print-on area
Thickness:
3.2 +/- 0.4 mils (substrate and adhesive)
Service Temperature Range:
-50°F to 225°F (-45.6°C to 107°C)
Minimum Application Temperature:
50°F (10°C)
Storage Conditions:
Store at 70°F (21°C) and 50% Relative Humidity.
For cassette products do not exceed 95°F.
PROPERTIES:
PERFORMANCE:
Peel Adhesion to Stainless Steel:
28 oz/in width minimum (PSTC-101, 15 min. dwell)
40 oz/in width minimum (PSTC-101, 24 hrs. dwell)
Shear Adhesion:
3 hours minimum (PSTC-107, Procedure A)
Tensile Strength:
MD 8 +/- 1.5 lbs./inch width (PSTC-131)
Elongation:
MD 150% +/- 10% (PSTC-131)
UV Resistance:
*3000 hours no change observed (ASTM G154)
Elevated Temperature Exposure
After 8 hours at 150°F (65.5°C) there was no deterioration of
the substrate
Dielectric Strength:
2,133 Volts/Mil (ASTM D149-97, Method A)
*3000 hours equates to 5 years of assimilated outdoor UV exposure.
CHEMICAL/SOLVENT RESISTANCE:
Samples were thermal transfer printed with RMH*BL/RMEH*BL ribbon printed on a Panduit
TDP43MY/TDP43ME printer. These samples were wrapped around a 1/12” OD wire in self-laminating format.
Test was conducted at room temperature after 24 hour dwell. The samples were immersed in the specified
chemical reagents for 5 immersions using the following cycle: a 10 minute immersion time followed by a 30


Similar Part No. - S075X075VAC.

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
S075X075VAC PANDUIT-S075X075VAC Datasheet
138Kb / 1P
PHYSICAL INFRASTRUCTURE SYSTEMS
S075X075VAC PANDUIT-S075X075VAC Datasheet
138Kb / 1P
PHYSICAL INFRASTRUCTURE SYSTEMS
S075X075VAC PANDUIT-S075X075VAC Datasheet
1Mb / 12P
PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
1/2016
More results

Similar Description - S075X075VAC.

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WCD-318 MACOM-WCD-318 Datasheet
84Kb / 2P
Write-On Self-Laminating Dispensers
CSL03423P4 MACOM-CSL03423P4 Datasheet
113Kb / 2P
CSL A4 Laser printable self-laminating labels
logo
List of Unclassifed Man...
TKM-75 ETC2-TKM-75 Datasheet
49Kb / 1P
TKM self-laminating write-on labels
logo
PANDUIT CORP.
LJSL7-Y3-1 PANDUIT-LJSL7-Y3-1 Datasheet
574Kb / 2P
Self-Laminating Labels for Laser AND Ink Jet Printers
logo
Molex Electronics Ltd.
130136-0070 MOLEX11-130136-0070 Datasheet
57Kb / 1P
Safeway Multiple Outlet Box, Rigid, Self-Extinguishing Vinyl
130138-0072 MOLEX11-130138-0072 Datasheet
57Kb / 1P
Safeway Multiple Outlet Box, Rigid, Self-Extinguishing Vinyl,
logo
PANDUIT CORP.
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
Laser/Ink Jet Self-Laminating Labels
logo
List of Unclassifed Man...
CT2012X2 ETC-CT2012X2 Datasheet
310Kb / 3P
Self-Laminating Tag, Caution Write-On, Telephone Cable, 3.5
logo
PANDUIT CORP.
PST-FO PANDUIT-PST-FO Datasheet
121Kb / 1P
Self-Laminating Fiber Optic Cable Marker Tags
logo
SparkFun Electronics
PRT-09567 SPARKFUN-PRT-09567 Datasheet
77Kb / 1P
Breadboard - Translucent Self-Adhesive (Clear)
5-15-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com