Electronic Components Datasheet Search
  English  ▼

X  

S075X075VAC. Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # S075X075VAC.
Description  Self-Laminating Clear Vinyl Film
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

S075X075VAC. Datasheet(HTML) 2 Page - PANDUIT CORP.

  S075X075VAC. Datasheet HTML 1Page - PANDUIT CORP. S075X075VAC. Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
18900 Panduit Drive
Tinley Park, IL 60487
Customer Service: 800-777-3300
TDS:
Effective Date:
Revision:
GMV16
18Jul12
7
Technical Data Sheet
Page 2 of 2
 2006 PANDUIT Corp
TDS: GMV16
minute recovery time.
Visual Observation
Chemical Reagent
Substrate / Adhesive
Thermal Transfer Printed
Legend
Distilled Water
No effect
No effect
Mineral Spirits
No effect
No effect
ASTM #3 Oil
No effect
No effect
Isopropyl Alcohol
No effect
No effect
Methanol
No effect
No effect
3% Alconox Detergent
No effect
No effect
10% Sodium
Hydroxide Solution
No effect
No effect
10% Sulfuric Acid
Solution
No effect
No effect
5% Sodium Chloride
Solution
No effect
No effect
Freon TF
No effect
No effect
Super Agitene
No effect
No effect
Jet-A Fuel
No effect
No effect
Arco TruSlide 68
No effect
No effect
SAE 30 Motor Oil
No effect
No effect
APPROVALS
UL Recognized: UL969
File number: MH 14979
CUL Recognized: C22.2 No. 0.15-01
File Number: MH14979
LIMITED WARRANTY
All PANDUIT Identification Solution Products (except for Software programs) are warranted to be free from defects in material and workmanship
at the time of sale but our obligation under this warranty is limited to replacement of the product proved to be defective within 6 months from the
date of sale, or in the case of printers, within 90 days from the date of sale. This warranty is void if the products or printers are modified, altered
or misused in any way. Use of PANDUIT printers with any product other than the specified PANDUIT products for which the printer was designed
constitutes misuse. Before using, the user shall determine the suitability of the product for its intended use and user assumes all risk and
liability whatsoever in connection therewith. The foregoing may not be altered except by an agreement signed by officers or seller and
manufacturer.
NEITHER PANDUIT OR SELLER SHALL BE LIABLE FOR ANY OTHER INJURY, LOSS OR DAMAGE, WHETHER DIRECT OR
CONSEQUENTIAL, ARISING OUT OF THE USE OF, OR THE INABILITY TO USE THE PRODUCT OR THE PRINTER.
THIS WARRANTY IS MADE IN LIEU OF AND EXCLUDES ALL OTHER WARRANTIES, EXPRESS OR IMPLIED. THE IMPLIED
WARRANTIES OF MERCHANTABILITY AND FITNESS OF PARTICULAR USE ARE SPECIFICALLY EXCLUDED.
The information contained in this literature is based on our experience to date and is believed to be reliable. It is intended as a guide or
use by persons having technical skill at their own discretion and risk. We do not guarantee favorable results or assume any liability in
connection with its use. Dimensions contained herein are for reference purposes only. This publication is not to be taken as a license to
operate under, or a recommendation to infringe any existing patents. This supersedes and voids all previous literature, etc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com