Electronic Components Datasheet Search
  English  ▼

X  

658L2C3 Datasheet(PDF) 4 Page - CTS Corporation

Part # 658L2C3
Description  CLOCK, HIGH FREQUENCY MULTIPLIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

658L2C3 Datasheet(HTML) 4 Page - CTS Corporation

  658L2C3 Datasheet HTML 1Page - CTS Corporation 658L2C3 Datasheet HTML 2Page - CTS Corporation 658L2C3 Datasheet HTML 3Page - CTS Corporation 658L2C3 Datasheet HTML 4Page - CTS Corporation 658L2C3 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document No. 008-0316-0
Page 4 - 5
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 658
7x5mm Low Cost
LVCMOS, LVPECL or LVDS Clock
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
MARKING INFORMATION
1
(1.27)
0.050
PIN 1 IDENTIFIER
6
4
3
Inch
(mm)
Key:
(3.73)
0.147
(1.4)
0.197 ±0.008
(5.0 ±0.2)
0.079
0.276 ±0.008
0.055
0.200
(5.08)
(7.0 ±0.2)
MAX
(2.0)
2
5
(2.54)
0.100
SUGGESTED SOLDER PAD GEOMETRY
SUGGESTED REFLOW PROFILE
.165 [4.20]
.071 [1.80]
Key:
[mm]
Inch
13
4
6
C BYPASS
2
5
.200 [5.08]
.100 [2.54]
.079 [2.00]
CBYPASS should be ≥ 0.01 uF.
1. ** - Manufacturing Site Code.
2. YYWW – Date code, YY – year, WW – week.
3. Truncated CTS part number.
4. XXXMXXXX - Frequency marked with 4
significant digits after the ‘M’.
NOTES
1. Termination pads (e4), barrier-plating is nickel
(Ni) with gold (Au) flash plate.
2. Reflow conditions per JEDEC J-STD-020.
0
100
200
300
0
30
60
90
120
150
180
210
240
270
300
Time (Seconds)
Temp.
(°C)
Maximum 260°C, 10 seconds
Typical 245°C
130°C
CTS ** YYWW
658P3C3
● XXXMXXXX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com