Electronic Components Datasheet Search
  English  ▼

X  

658L2C3 Datasheet(PDF) 1 Page - CTS Corporation

Part # 658L2C3
Description  CLOCK, HIGH FREQUENCY MULTIPLIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

658L2C3 Datasheet(HTML) 1 Page - CTS Corporation

  658L2C3 Datasheet HTML 1Page - CTS Corporation 658L2C3 Datasheet HTML 2Page - CTS Corporation 658L2C3 Datasheet HTML 3Page - CTS Corporation 658L2C3 Datasheet HTML 4Page - CTS Corporation 658L2C3 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document No. 008-0316-0
Page 1 - 5
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model 658
CLOCK, HIGH FREQUENCY MULTIPLIER
FEATURES
• Standard 7x5mm Surface Mount Footprint
• LVCMOS, Differential LVPECL or LVDS Outputs
• Frequency Range 38 – 750 MHz
• Frequency Stability, ±50 ppm Standard
(± 25 ppm and ± 100 ppm available)
• +2.5Vdc or +3.3Vdc Operation
• Operating Temperature to –40°C to +85°C
• Output Enable Standard
• Low Phase Jitter, PLL Multiplier
• Tape & Reel Packaging
• RoHS/Green Compliant
ORDERING INFORMATION
C = CMOS, Pin 1 Enable Pin 2 N.C. (standard)
L = LVDS, Pin 1 Enable Pin 2 N.C. (standard)
P = PECL, Pin 1 Enable Pin 2 N.C. (standard)
M = CMOS, Pin1 N.C. Pin 2 Enable
V = LVDS, Pin1 N.C. Pin 2 Enable
E = PECL, Pin1 N.C. Pin 2 Enable
658
SUPPLY VOLTAGE
2 = 2.5 Vdc (LVDS and PECL only)
3 = 3.3 Vdc
OUTPUT TYPE
FREQUENCY IN MHz
M - indicates MHz and decimal point.
Frequency is recorded with minimum 4
significant digits to the right of the "M".
M
OPERATING TEMPERATURE RANGE
C = 0°C to +70°C (standard)
I = -40°C to +85°C
FREQUENCY STABILITY
5 = ± 25 ppm
3 = ± 50 ppm (standard)
2 = ± 100 ppm
Example Part Number: 658P3C3155M5200
DESCRIPTION
The Model 658 is a ceramic packaged Clock
oscillator offering reduced size and enhanced
stability. The small size means it is perfect for
any application. The enhanced stability means it
is the perfect choice for today’s communications
applications that require tight frequency control.


Similar Part No. - 658L2C3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
837Kb / 1P
658 Series Molded Base Surface Mount Fuse Block For 5횞20mm Fuses
Revised: 07/08/21
logo
Abbatron All Rights Res...
658 ABBATRON-658 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Littelfuse
658 LITTELFUSE-658 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
658 ADAFRUIT-658 Datasheet
99Kb / 1P
5V 10A switching power supply
More results

Similar Description - 658L2C3

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST49C101A EXAR-ST49C101A Datasheet
109Kb / 10P
High Frequency Clock Multiplier
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5369 SKYWORKS-SI5369 Datasheet
951Kb / 84P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com