Electronic Components Datasheet Search
  English  ▼

X  

B81123 Datasheet(PDF) 9 Page - EPCOS

Part # B81123
Description  EMI Suppression Capacitors (MKP)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81123 Datasheet(HTML) 9 Page - EPCOS

Back Button B81123 Datasheet HTML 5Page - EPCOS B81123 Datasheet HTML 6Page - EPCOS B81123 Datasheet HTML 7Page - EPCOS B81123 Datasheet HTML 8Page - EPCOS B81123 Datasheet HTML 9Page - EPCOS B81123 Datasheet HTML 10Page - EPCOS B81123 Datasheet HTML 11Page - EPCOS B81123 Datasheet HTML 12Page - EPCOS B81123 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
1.2
Resistance to soldering heat
Resistance to soldering heat is tested to IEC 60068-2-20, test Tb, method 1.
Conditions:
Series
Solder bath temperature Soldering time
MKT boxed (except 2.5
× 6.5 × 7.2 mm)
coated
uncoated (lead spacing >10 mm)
260
±5 °C
10
±1s
MFP
MKP (lead spacing >7.5 mm)
MKT boxed (case 2.5
× 6.5 × 7.2 mm)
5
±1s
MKP
MKT
(lead spacing
≤7.5 mm)
uncoated (lead spacing
≤10 mm)
insulated (B32559)
<4 s
recommended soldering
profile for MKT uncoated
(lead spacing
≤ 10 mm) and
insulated (B32559)
Immersion depth
2.0 +0/ 0.5 mm from capacitor body or seating plane
Shield
Heat-absorbing board, (1.5
±0.5) mm thick, between
capacitor body and liquid solder
Evaluation criteria:
Visual inspection
No visible damage
ΔC/C
0
2% for MKT/MKP/MFP
5% for EMI suppression capacitors
tan
δ
As specified in sectional specification
B81123
Y1/500VAC
Page9of19
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com