Electronic Components Datasheet Search
  English  ▼

X  

B81123 Datasheet(PDF) 13 Page - EPCOS

Part # B81123
Description  EMI Suppression Capacitors (MKP)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81123 Datasheet(HTML) 13 Page - EPCOS

Back Button B81123 Datasheet HTML 9Page - EPCOS B81123 Datasheet HTML 10Page - EPCOS B81123 Datasheet HTML 11Page - EPCOS B81123 Datasheet HTML 12Page - EPCOS B81123 Datasheet HTML 13Page - EPCOS B81123 Datasheet HTML 14Page - EPCOS B81123 Datasheet HTML 15Page - EPCOS B81123 Datasheet HTML 16Page - EPCOS B81123 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Topic
Safety information
Reference chapter
"Mounting guidelines"
Soldering
Do not exceed the specified time or temperature limits
during soldering.
1 "Soldering"
Cleaning
Use only suitable solvents for cleaning capacitors.
2 "Cleaning"
Embedding of
capacitors in
finished
assemblies
When embedding finished circuit assemblies in plastic
resins, chemical and thermal influences must be taken
into account.
Caution: Consult us first, if you also wish to embed
other uncoated component types!
3 "Embedding of
capacitors in finished
assemblies"
Design of our capacitors
Our EMI capacitors use polypropylene (PP) film metalized with a thin layer of Zinc (Zn).
The following key points have made this design suitable to IEC/UL testing, holding a minimum
size.
Overvoltage AC capability with very high temperature Endurance test of IEC 60384-14:2013
(4th edition) / UL 60384-14:2014 (2nd edition) must be performed at 1.25
× V
R at maximum tem-
perature, during 1000 hours, with a capacitance drift less than 10%.
Higher breakdown voltage withstanding if compared to other film metallizations, like Aluminum.
IEC 60384-14:2013 (4th edition) / UL 60384-14:2014 (2nd edition) establishes high voltage tests
performed at 4.3
× V
R
1 minute, impulse testing at 2500 V for C = 1 μF and active flammability
tests.
Damp heat steady state: 40
°C/ 93% RH / 56 days. (without voltage or current load)
Effect of humidity on capacitance stability
Long contact of a film capacitor with humidity can produce irreversible effects. Direct contact with
liquid water or excess exposure to high ambient humidity or dew will eventually remove the film
metallization and thus destroy the capacitor. Plastic boxed capacitors must be properly tested in
the final application at the worst expected conditions of temperature and humidity in order to
check if any parameter drift may provoke a circuit malfunction.
In case of penetration of humidity through the film, the layer of Zinc can be degraded, specially
under AC operation (change of polarity), accelerated by the temperature, provoking an increment
of the serial resistance of the electrode and eventually a reduction of the capacitance value.
For DC operation, the parameter drift is much less.
Plastic boxes and resins can not protect 100% against humidity. Metal enclosures, resin potting or
coatings or similar measures by customers in their applications will offer additional protection
against humidity penetration.
B81123
Y1/500VAC
Page 13 of 19
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com