Electronic Components Datasheet Search
  English  ▼

X  

B82498F Datasheet(PDF) 2 Page - EPCOS

Part # B82498F
Description  SIMID series, SIMID 0805-F
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F Datasheet(HTML) 2 Page - EPCOS

  B82498F Datasheet HTML 1Page - EPCOS B82498F Datasheet HTML 2Page - EPCOS B82498F Datasheet HTML 3Page - EPCOS B82498F Datasheet HTML 4Page - EPCOS B82498F Datasheet HTML 5Page - EPCOS B82498F Datasheet HTML 6Page - EPCOS B82498F Datasheet HTML 7Page - EPCOS B82498F Datasheet HTML 8Page - EPCOS B82498F Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Size 0805 (EIA) and/or 2012 (IEC)
Rated inductance 2.7 ... 6800 nH
Rated current 80 ... 1000 mA
Construction
■ Cubic coil with ceramic or ferrite core
■ Epoxy-molded flat top for vacuum pickup
■ Winding ends welded to terminals
Features
■ High resonance frequency
■ Close inductance tolerance
■ Suitable for lead-free reflow soldering
■ RoHS-compatible
Applications
Resonant circuits, impedance matching for
■ Antenna amplifiers
■ Multimedia
■ Wireless communication systems
■ Car access systems
■ TPMS (Tire Pressure Monitoring System)
■ GPS (Global Positioning System)
Terminals
■ Standard version:
– Base material Al2O3 ceramic and ferrite
– Thick-film coating of Ag/Pd/Pt
■ Gold-plated terminals:
– Base material Al2O3 ceramic
– Layer composition W/Ni/Au
–Electro-plated
– Qualified to AEC-Q200
– Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020D
Marking
■ No marking on component
■ Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing
Delivery mode and packing unit
■ 8-mm blister tape, wound on 180-mm reel
■ Packing unit: 3000 pcs./reel
B82498F
SMT inductors, SIMID series
SIMID 0805-F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com