Electronic Components Datasheet Search
  English  ▼

X  

B82498F Datasheet(PDF) 3 Page - EPCOS

Part # B82498F
Description  SIMID series, SIMID 0805-F
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F Datasheet(HTML) 3 Page - EPCOS

  B82498F Datasheet HTML 1Page - EPCOS B82498F Datasheet HTML 2Page - EPCOS B82498F Datasheet HTML 3Page - EPCOS B82498F Datasheet HTML 4Page - EPCOS B82498F Datasheet HTML 5Page - EPCOS B82498F Datasheet HTML 6Page - EPCOS B82498F Datasheet HTML 7Page - EPCOS B82498F Datasheet HTML 8Page - EPCOS B82498F Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing and layout recommendation
Taping and packing
Blister tape
Reel
Dimensions in mm
2.3 max.
0.5±0.1
1.7 max.
IND0542-S-E
Epoxy coating
Welding area
Metallization
0.5±0.1
2)
1)
1)
2+0.2
1) Soldering area
2) This area (30% of contact area) should not be used
to assess solderability
C
B
IND0041-C
AB
C
1.5
r0.2
3.2
r0.4
1.0
r0.1
Dimensions in mm
1.9 max.
Component
1.5 0
_
+0.1
4±0.1
2±0.05
4±0.1
IND0554-E-E
Direction of unreeling
IND0581-C
13±0.25
ø60 min.
14.4 max.
+1.5
0
8.4 _
B82498F
SMT inductors, SIMID series
SIMID 0805-F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com