Electronic Components Datasheet Search
  English  ▼

X  

ADUCM310 Datasheet(PDF) 5 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 5 Page - Analog Devices

  ADUCM310 Datasheet HTML 1Page - Analog Devices ADUCM310 Datasheet HTML 2Page - Analog Devices ADUCM310 Datasheet HTML 3Page - Analog Devices ADUCM310 Datasheet HTML 4Page - Analog Devices ADUCM310 Datasheet HTML 5Page - Analog Devices ADUCM310 Datasheet HTML 6Page - Analog Devices ADUCM310 Datasheet HTML 7Page - Analog Devices ADUCM310 Datasheet HTML 8Page - Analog Devices ADUCM310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADuCM310
Data Sheet
Rev. A Page 4 of 27
SPECIFICATIONS
AVDD = IOVDD = DVDD = 2.9 V to 3.6 V (the input supply voltages). The difference between AVDD, IOVDD, and DVDD must be ≤0.3 V.
AVNEG (the supply voltage) = −5.5 V to −4.65 V. VDACVDD (the VDAC supply voltage) = 3.07 V to 5.35 V (for VDAC6 and VDAC7),
and VDACVDD must be ≥ AVDD. PVDD (the IDAC supply voltage) for the IDACs = 1.8 V to 2.7 V. AVDD ≥ PVDD + 0.4V. VREF= 2.5 V
internal reference, fCORE = 80 MHz, TA = −10°C to +85°C, unless otherwise noted.
For power sequencing, apply power to the AVNEG or VDACVDD pin before connecting the ground pins.
For register and bit information, see the ADuCM310 reference manual, How to Set Up and Use the ADuCM310.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATIONS
All measurements in single-ended
mode, unless otherwise stated
ADC Power-Up Time
5
µs
f
SAMPLE ≥500 kSPS
DC Accuracy
Resolution
14
Bits
Integral Nonlinearity
Input Buffer
Disabled
±1.5
LSB
2.5 V internal reference
Enabled
±2.5
LSB
Disabled
±1.5
LSB
External reference
Differential Nonlinearity
−0.99
±0.7
+1.5
LSB
2.5 V internal reference;
no missing codes
−0.99
±0.7
+1.51
LSB
2.5 V external reference;
no missing codes
DC Code Distribution
±3
LSB
ADC input voltage = 1.25 V dc
ENDPOINT ERRORS
Offset Error (All Channels Except
the Internal Channels)
ADC update rate up to 800 kSPS
Buffer On or Buffer Off
−0.6
±0.2
+0.6
mV
Buffer on, chop mode on and
automatic zero or buffer off
Offset Error Drift1
Buffer On or Buffer Off
±2.5
µV/°C
Buffer on, chop mode on and
automatic zero or buffer off
Full-Scale Error
ADC update rate up to 800 kSPS
Buffer On or Buffer Off
−0.7
±0.2
+0.6
mV
Excluding internal channels
Internal Channels
±0.2
+0.6
% of full scale
Input buffer on; AV
DD/2, IOVDD/2,
PV
DD voltage on PVDD_IDAC2 pin
0.75
1.5
% of full scale
Input buffer on; IDAC0 to IDAC5;
measured with 1.5 V on the IDAC0
to IDAC5 pins
Gain Error Drift1
2
µV/°C
Full-scale error drift minus offset
error drift; all modes; internal
reference
DYNAMIC PERFORMANCE1
f
IN = 665.283 Hz sine wave; fSAMPLE =
100 kSPS; internally unbuffered
channels; the filter on the analog
inputs is a 15 Ω resistor and a 2 nF
capacitor
Signal-to-Noise Ratio (SNR)
Input Buffer
Disabled
80
dB
Includes distortion and noise
components
Enabled
78
dB
Chop mode on
74
dB
Automatic zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com