Electronic Components Datasheet Search
  English  ▼

X  

ADUCM310 Datasheet(PDF) 16 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 12Page - Analog Devices ADUCM310 Datasheet HTML 13Page - Analog Devices ADUCM310 Datasheet HTML 14Page - Analog Devices ADUCM310 Datasheet HTML 15Page - Analog Devices ADUCM310 Datasheet HTML 16Page - Analog Devices ADUCM310 Datasheet HTML 17Page - Analog Devices ADUCM310 Datasheet HTML 18Page - Analog Devices ADUCM310 Datasheet HTML 19Page - Analog Devices ADUCM310 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
ADuCM310
Rev. A Page 15 of 27
Table 6. SPI Slave Mode Timing (Phase Mode = 1)
Parameter
Description
Min
Typ
Max
Unit
t
CS0/tCS1
CS0/CS1 to SCLKx edge
10
ns
t
CSM
CS0/CS1 high time between active periods
SCLKx
ns
t
SL
SCLKx low pulse width
(SPIxDIV1 + 1) × t
HCLK
2
ns
t
SH
SCLKx high pulse width
(SPIxDIV1 + 1) × t
HCLK
2
ns
t
DAV
Data output valid after SCLKx edge
20
ns
t
DSU
Data input setup time before SCLKx edge
10
ns
t
DHD
Data input hold time after SCLKx edge
10
ns
t
DF
Data output fall time
25
ns
t
DR
Data output rise time
25
ns
t
SR
SCLKx rise time
1
ns
t
SF
SCLKx fall time
1
ns
t
SFS
CS0/CS1 high after SCLKx edge
20
ns
1 For SPI0, x is 0, and for SPI1, x is 1.
2 t
HCLK is the divided system clock, UCLK/CLKCON1[2:0].
SCLKx
(POLARITY = 0)
CS0/CS1
SCLKx
(POLARITY = 1)
tSH
tSL
tSR
tSF
tSFS
MISOx
MSB
BIT 6 TO BIT 1
LSB
MOSIx
MSB IN
BIT 6 TO BIT 1
LSB IN
tDHD
tDSU
tDAV
tDR
tDF
tCS0/tCS1
tCSM
Figure 5. SPI Slave Mode Timing (Phase Mode = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com