Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5934
Description  Fully Isolated Conductivity Measurement Data Acquisition System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5934 Datasheet HTML 2Page - Analog Devices AD5934 Datasheet HTML 3Page - Analog Devices AD5934 Datasheet HTML 4Page - Analog Devices AD5934 Datasheet HTML 5Page - Analog Devices AD5934 Datasheet HTML 6Page - Analog Devices AD5934 Datasheet HTML 7Page - Analog Devices AD5934 Datasheet HTML 8Page - Analog Devices AD5934 Datasheet HTML 9Page - Analog Devices AD5934 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CN-0349
Circuit Note
Rev. 0 | Page 6 of 10
High Range Conductivity Measurements
Table 2 shows the results of the high range measurements, and
Figure 5 shows both the percent relative error of the range and
the percent relative error of the reading. In the high range, from
0.2 mS to 200 mS, the percent error of the reading does not exeed 3%.
Figure 5. Relative Errors in the High Range (from 0.2 mS to 200 mS)
Table 3 shows the results from Table 2, with the resistive offset of
0.1903 Ω corrected. The RR column, corrected in Table 3, is
obtained by subtracting 0.1903 Ω from the RR column in Table 2.
The software (CN-0349 Evaluation Software) can make this
correction. After correction, the 0.2 mS to 200 mS range has a
percent error of less than 1% (see Figure 6).
Figure 6. Relative Errors in the High Range 0.2 mS to 200 mS Measurements
After Correction of the Resistive Offset (0.1903 Ω)
Table 2. High Range,0.2 mS to 200 mS Measurement Data, RFB = 100 Ω, RCAL1 = 100 Ω, and RCAL2 = 1 kΩ
RX (Ω)
YX (mS/cm)
YR (mS/cm)
RR (Ω)
% Error of Range
% Error of Reading
0
∞
5255
0.1903
Not applicable
Not applicable
1
1000.0000
809.4
1.2355
−95.3000
−19.06
5
200.0000
193.9
5.1573
−3.0500
−3.05
10
100.0000
99.1
10.09
−0.4500
−0.90
20
50.0000
49.99
20.00
−0.0050
−0.02
50
20.0000
20.1
49.75
+0.0500
+0.50
100
10.0000
9.99
100.10
−0.0050
−0.10
200
5.0000
5.004
199.84
+0.0020
+0.08
500
2.0000
2.004
499.00
+0.0020
+0.20
1000
1.0000
1.001
999.00
+0.0005
+0.10
1300
0.7692
0.7681
1301.91
−0.0006
−0.15
2210
0.4525
0.4533
2206.04
+0.0004
+0.18
4700
0.2128
0.2116
4725.90
−0.0006
−0.55
6120
0.1634
0.1641
6093.85
+0.0004
+0.43
Table 3. High Range from 0.2 mS to 200 mS with Correction for the Resistive Offset (0.1903 Ω), RFB = 100 Ω, RCAL1 = 100 Ω, and RCAL2 = 1 kΩ
RX (Ω)
YX (mS/cm)
YR (mS/cm)
RR (Ω)
RR (Ω) Corrected
YR (mS/cm)
% Error of Range
% Error of Reading
0
∞
5255
0.1903
0.00
Not applicable
Not applicable
Not applicable
1
1000.00
809.4
1.2355
1.045
956.77
−21.6149
−4.323
5
200.00
193.9
5.1573
4.967
201.33
+0.6644
+0.664
10
100.00
99.1
10.09
9.901
101.00
+0.5024
1.005
20
50.00
49.99
20.00
19.81
50.47
+0.2351
+0.940
50
20.00
20.1
49.75
49.56
20.18
+0.0886
+0.886
100
10.00
9.99
100.10
99.91
10.01
+0.0045
+0.090
200
5.00
5.004
199.84
199.65
5.01
+0.0044
+0.175
500
2.00
2.004
499.00
498.81
2.00
+0.0024
+0.238
1000
1.00
1.001
999.00
998.81
1.00
+0.0006
+0.119
1300
0.7692
0.7681
1301.91
1301.72
0.77
−0.0005
−0.132
2210
0.4525
0.4533
2206.04
2205.85
0.45
+0.0004
+0.188
4700
0.2128
0.2116
4725.90
4725.71
0.21
−0.0006
−0.544
6120
0.1634
0.1641
6093.85
6093.65
0.16
+0.0004
+0.432
1.0
0.5
0
–0.5
–1.0
0
50
100
150
CONDUCTIVITY (mS/cm)
200
–1.5
–2.0
–2.5
–3.0
–3.5
READING ERROR
RANGE ERROR
1.2
1.0
0.8
0.6
0.4
0.2
0
50
100
150
CONDUCTIVITY (mS/cm)
200
0
–0.2
–0.4
–0.6
–0.8
READING ERROR
RANGE ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com