Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5934
Description  Fully Isolated Conductivity Measurement Data Acquisition System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5934 Datasheet HTML 2Page - Analog Devices AD5934 Datasheet HTML 3Page - Analog Devices AD5934 Datasheet HTML 4Page - Analog Devices AD5934 Datasheet HTML 5Page - Analog Devices AD5934 Datasheet HTML 6Page - Analog Devices AD5934 Datasheet HTML 7Page - Analog Devices AD5934 Datasheet HTML 8Page - Analog Devices AD5934 Datasheet HTML 9Page - Analog Devices AD5934 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Circuit Note
CN-0349
Figure 9. Test Setup Functional Block Diagram
Figure 10. Photo of EVAL-CN0349-PMDZ Evaluation Board
Functional Block Diagram
See Figure 1 for the circuit block diagram and see the EVAL-
CN0349-PMDZ-Altium DesignerSchematic.pdf file for the
circuit schematics. This pdf file is located in the CN-0349
Design Support Package. A block diagram of the test setup is
shown in Figure 9.
Setup
For proper setup, take the following steps:
1. Connect the EVAL-CFTL-6V-PWRZ (6 V dc power supply)
to the SDP-PMD-IB1Z interposer board via the dc barrel jack.
2. Connect the SDP-PMD-IB1Z interposer board to the
EVAL-SDP-CB1Z SDP board via the 120-pin Connector A.
3. Connect the EVAL-SDP-CB1Z SDP board to the PC via
the USB cable.
4. Connect the EVAL-CN0349-PMDZ evaluation board to
the SDP-PMD-IB1Z interposer board via the 8-pin header
IMOD connector cable supplied with the CN-0349 board
(4-pin MTE cable, Digilent, Inc.).
Connect the conductivity cell to the EVAL-CN0349-PMDZ
evaluation board via the J1 terminal block. A photo of the
EVAL-CN0349-PMDZ board is shown in Figure 10.
Test
Launch the CN-0349 Evaluation Software. The software will be
able to communicate with the SDP board if the Analog Devices
SDP drivers are listed in the Device Manager. When USB
communications are established, the SDP board is used to send,
receive, and capture serial data from the EVAL-CN0349-PMDZ
board. Data, information, and details regarding how to use the
evaluation software for data capturing can be found in the
CN-0349 Software User Guide.
EVAL-CFTL-6V-PWRZ
6V WALL WART
PC
EVAL-SDP-CB1Z
SDP-B BOARD
SDP-PMD-IB1Z
INTERPOSER
BOARD
USB
CON A
J1
J4
J2
IMOD
120
PINS
EVAL-CN0349-PMDZ
J1
J2
IMOD
CONDUCTIVITY
CELL/
Pt100
Rev. 0 | Page 9 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com