Electronic Components Datasheet Search
  English  ▼

X  

AD8592 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8592
Description  Fully Automatic High Performance Conductivity Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8592 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8592 Datasheet HTML 2Page - Analog Devices AD8592 Datasheet HTML 3Page - Analog Devices AD8592 Datasheet HTML 4Page - Analog Devices AD8592 Datasheet HTML 5Page - Analog Devices AD8592 Datasheet HTML 6Page - Analog Devices AD8592 Datasheet HTML 7Page - Analog Devices AD8592 Datasheet HTML 8Page - Analog Devices AD8592 Datasheet HTML 9Page - Analog Devices AD8592 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Circuit Note
CN-0359
analog.com
Rev. C | 7 of 10
introduce nonlinear errors to the measurements, and therefore
result in erroneous readings.
To avoid these errors, the level and frequency of the excitation
signal should be set appropriately based on the specifications of
the conductivity cell. In addition, the DC content of this waveform
should be kept to a minimum to prevent DC currents from appear-
ing across the cell electrodes.
The CN0359 is carefully designed for low DC voltage bias on the
excitation channel, with typical values being less than 200 μV.
For most commercial conductivity probes, this small residual DC
content has negligible effect. Certain probes however, depending
on their construction, can be more sensitive and might exhibit a
drift in measurement values. For these cases, capacitive coupling
should be used for the voltage measurement channel.
RTD MEASUREMENT
Conductivity measuring system accuracy is only as good as its
temperature compensation. Because common solution temperature
coefficients vary in the order of 1%/°C to 3%/°C or more, the
CN0359 implements a temperature compensation scheme. Solution
temperature coefficients are somewhat nonlinear and usually vary
with the actual conductivity as well. Therefore, calibration at the
actual measuring temperature yields the best accuracy.
The ADuCM360 contains two matched, software configurable, exci-
tation current sources. They are individually configurable to provide
a current output of 10 μA to 1 mA, and matching is better than
0.5%. The current sources allow the ADuCM360 to easily perform
2-wire, 3-wire, or 4-wire measurements for either Pt100 or Pt1000
RTDs. The software also automatically detects if the RTD is Pt100
or Pt1000 during the set up procedure.
The following discussion shows simplified schematics of how the
different RTD configurations operate. All mode switching is accom-
plished in the software, and there is no need to change the external
jumper settings.
Figure 7 shows the configuration for 4-wire RTDs.
Figure 7. Configuration for 4-Wire RTD Connection
The parasitic resistance in each of the leads to the remote RTD is
shown as RP. The excitation current passes through a precision 1.5
kΩ resistor and the RTD. The on-chip ADC measures the voltage
across the resistor.
It is important that the 1.5 kΩ resistor (REXC) and the excitation
current (IEXC) value be chosen such that the ADuCM360 maximum
input voltage at AIN7 does not exceed AVDD − 1.1 V; otherwise,
the IEXC current source does not function properly.
The RTD voltage is accurately measured using the two sense leads
that connect to AIN6 and AIN5. The input impedance is approxi-
mately 2 MΩ (unbuffered mode, PGA gain = 1), and the current
flowing through the sense lead resistance produces minimum error.
The ADC then measures the RTD voltage.
The RTD resistance is then calculated using Equation 15:
Rx=ADC6−ADC5
ADC7−ADC8
×1.5 kΩ
(15)
where:
Rx is the RTD resistance value.
ADC5 is the AIN5 input voltage in V.
ADC6 is the AIN6 input voltage in V.
ADC7 is the AIN7 input voltage in V.
ADC8 is the AIN8 input voltage in V.
The measurement is ratiometric and does not depend on an accu-
rate external reference voltage, only the tolerance of the 1.5 kΩ
resistor. In addition, the 4-wire configuration eliminates the error
associated with the lead resistances.
The ADuCM360 has a buffered or unbuffered input option. If the
internal buffer is activated, the input voltage must be greater than
100 mV. The 1 kΩ/36 Ω resistor divider provides a 115 mV bias
voltage to the RTD that allows buffered operation. In the unbuffered
mode, Terminal 4 of J3 can be grounded and connected to a
grounded shield for noise reduction.
The 3-wire connection is another popular RTD configuration that
eliminates lead resistance errors, as shown in Figure 8.
Figure 8. Configuration for 3-Wire RTD Connection
The second matched IEXC current source (AIN5/IEXC) develops
a voltage across the lead resistance in series with Terminal 3
that cancels the voltage dropped across the lead resistance in
series with Terminal 1. The measured voltage is therefore free of



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com