Electronic Components Datasheet Search
  English  ▼

X  

AD8592 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8592
Description  Fully Automatic High Performance Conductivity Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8592 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8592 Datasheet HTML 2Page - Analog Devices AD8592 Datasheet HTML 3Page - Analog Devices AD8592 Datasheet HTML 4Page - Analog Devices AD8592 Datasheet HTML 5Page - Analog Devices AD8592 Datasheet HTML 6Page - Analog Devices AD8592 Datasheet HTML 7Page - Analog Devices AD8592 Datasheet HTML 8Page - Analog Devices AD8592 Datasheet HTML 9Page - Analog Devices AD8592 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Circuit Note
CN-0359
analog.com
Rev. C | 9 of 10
such, Analog Devices, Inc. also offers other reference designs with
varying form-factors and features. One of these is the CN0349,
which features a high precision conductivity measurement data
acquisition system with an 8-pin I2C Pmod interface that is ideal for
industrial environments that require a small, low cost, fully isolated
solution. Other examples are the CN0411 and the CN0428, which
are designed to measure conductivity for water quality monitoring
applications.
CIRCUIT EVALUATION AND TEST
This circuit uses the EVAL-CN0359-EBZ circuit board, an external
power supply, conductivity cell, and an RTD. The EVAL-CN0359-
EBZ comes preloaded with the code required to make the con-
ductivity measurements. For complete information on the system
hardware and software operation, refer to the CN0359 User Guide.
EQUIPMENT NEEDED
The following equipment is needed:
►
The EVAL-CN0359-EBZ circuit board
►
A 6 V power supply or wall wart (EVAL-CFTL-6V-PWRZ)
►
A conductivity cell
►
Pt100 or Pt1000 2-wire, 3-wire, or 4-wire RTD (if the RTD is not
connected, the conductivity measurement is referenced to 25°C)
SETUP
Use the following steps to setup the CN0359 for evaluation:
1. Connect the 6 V power supply (EVAL-CFTL-6V-PWRZ) to the
EVAL-CN0359-EBZ.
2. Enter parameters for EXC Voltage, EXC Frequency, TEMP
Coefficient, and Cell Constant that are appropriate for the
probe.
3. Disconnect the EVAL-CFTL-6V-PWRZ power supply.
4. Connect the conductivity cell as follows:
a. 4-wire cell: connect an outside current electrode to J5 Pin 1
and the closest inner voltage electrode to J5 Pin 2. Connect
the second outside current electrode to J5 Pin 4 and the
closest inner voltage electrode to Pin 3.
b. 2-wire cell: connect one electrode to J5 Pin 1 and Pin 2 and
connect the second electrode to J5 Pin 2 and Pin 4.
c. If the conductivity cell has a shield, connect it to J5 Pin 5.
5. Connect the RTD as follows (if used):
a. 4-wire RTD (see Figure 7): Pair up the four wires according
to their color (or other identifying characteristic). Connect
one pair of wires to J3 Pin 1 and Pin 2, and the other pair
to J3 Pin 3 and Pin 4. Only one wire should be connected to
each pin.
b. 3-wire RTD (see Figure 8: Connect the odd wire to J3 Pin 1,
and the two common wires to J3 Pin 3 and Pin 4. Only one
wire should be connected to each pin.
c. 2-wire RTD (see Figure 9): connect one RTD wire to J3 Pin
1 and the other wire to J3 Pin 4.
d. If the RTD wires are shielded, connect the shield to J5 Pin
5.
6. Reconnect the EVAL-CFTL-6V-PWRZ power supply to the
EVAL-CN0359-EBZ.
7. Wait for the ADuCM360 to flush the buffers and display the
conductivity and the temperature. If the screen shows an error
and the buzzer beeps more than 20 times, check the sensor
connections.
Figure 12 shows a typical conductivity measurement setup.
Figure 12. Test Setup Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com