Electronic Components Datasheet Search
  English  ▼

X  

ADT6401 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT6401
Description  USB-Powered, 5.8 GHz RF Power Amplifier with Overtemperature Management
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6401 Datasheet(HTML) 6 Page - Analog Devices

  ADT6401 Datasheet HTML 1Page - Analog Devices ADT6401 Datasheet HTML 2Page - Analog Devices ADT6401 Datasheet HTML 3Page - Analog Devices ADT6401 Datasheet HTML 4Page - Analog Devices ADT6401 Datasheet HTML 5Page - Analog Devices ADT6401 Datasheet HTML 6Page - Analog Devices ADT6401 Datasheet HTML 7Page - Analog Devices ADT6401 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Circuit Note
CN-0523
analog.com
Rev. 0 | 6 of 8
Figure 15. ADM7171 Configuration for a 3.8 V Output
COMMON VARIATIONS
The HMC451 can be used as an alternative power amplifier for
the 5.8 GHz ISM band. Compared to HMC407, this device offers
slightly higher gain (S21) and lower input return loss (S11) at the
cost of having a lower 1 dB compression point, output return loss
(S22), saturation power, and noise figure.
The ADT6402 can also be used as the temperature switch. This
device is pin-compatible and shares the same specifications as the
ADT6401, but has an active-low output and requires an inverting
buffer.
Similar amplifier designs for transmitting signals in the 433.92 MHz,
915 MHz, and 2.45 GHz ISM bands are available. For more infor-
mation, refer to the CN0551, CN0522, and CN0417 circuit notes,
respectively.
CIRCUIT EVALUATION AND TEST
This section covers the setup and procedure for the CN0523 circuit
evaluation. For complete details, refer to the EVAL-CN0523-EBZ
User Guide.
EQUIPMENT NEEDED
►
CN0523 circuit evaluation board (EVAL-CN0523-EBZ)
►
Signal generator (Rohde & Schwarz
® SMA100B)
►
Signal analyzer (Keysight
® E5052B)
►
Vector network analyzer (Keysight N5242A PNA-X)
►
5 V; ≥0.5 A AC/DC power adapter with micro-USB cable
►
SMA cables
►
20 dB attenuator, which is optional for input protection of the
signal analyzer.
SETUP AND TEST
Figure 16 shows the proper port connection of the EVAL-CN0523-
EBZ to the vector network analyzer for S-Parameter and noise
figure testing.
Figure 16. S-Parameter and Noise Figure Measurement Setup
The procedure for measuring S-Parameters and noise figure are as
follows:
1. Set the desired measurement conditions of the vector network
analyzer as follows:
a. Set the frequency span from 5 GHz to 6 GHz.
b. Set the frequency step size to 10 kHz.
c. The power level must be less than or equal to -30 dBm.
2. Perform a full 2-port calibration of the vector network analyzer
using a calibration kit.
Note: The RF input of the EVAL-CN0523-EBZ can be connect-
ed directly to a test port, so only one measurement cable is
needed for the test setup.
3. Connect the EVAL-CN0523-EBZ across the test ports of the
vector network analyzer using the calibrated test setup.
4. Power up the EVAL-CN0523-EBZ using the 5 V power adapter.
5. Set the vector network analyzer to display the traces of the
individual S-Parameters and the noise figure.
6. Compare measurements to the expected values. At 5.8 GHz
center frequency, the values for input and output return losses
are approximately 11 dB and 15 dB, respectively. For the gain
and noise figure readings, values should be approximately 24
dB and 6.5 dB, respectively.
Figure 17 shows the proper port connection of the EVAL-CN0523-
EBZ to the signal analyzer and signal generator for phase noise
and SFDR testing.
Figure 17. Phase Noise, SFDR, and POUT vs. PIN Measurement Setup
The procedure for measuring phase noise, SFDR, and POUT vs. PIN
are as follows:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com