Electronic Components Datasheet Search
  English  ▼

X  

ADT6401 Datasheet(PDF) 2 Page - Analog Devices

Part # ADT6401
Description  USB-Powered, 5.8 GHz RF Power Amplifier with Overtemperature Management
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6401 Datasheet(HTML) 2 Page - Analog Devices

  ADT6401 Datasheet HTML 1Page - Analog Devices ADT6401 Datasheet HTML 2Page - Analog Devices ADT6401 Datasheet HTML 3Page - Analog Devices ADT6401 Datasheet HTML 4Page - Analog Devices ADT6401 Datasheet HTML 5Page - Analog Devices ADT6401 Datasheet HTML 6Page - Analog Devices ADT6401 Datasheet HTML 7Page - Analog Devices ADT6401 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Circuit Note
CN-0523
analog.com
Rev. 0 | 2 of 8
CIRCUIT DESCRIPTION
RF POWER AMPLIFIER
The CN0523 uses two HMC407 power amplifiers for its RF signal
path. The HMC407 is a gallium arsenide (GaAs), indium gallium
phosphide (InGaP), heterojunction bipolar transistor, monolithic mi-
crowave IC power amplifier operating between 5 GHz to 7 GHz for
various applications such as U-NII and HiperLAN.
Figure 2 shows the HMC407 S-Parameter performance with a typi-
cal gain of 15 dB and return losses of more than 10 dB throughout
its RF band of operation. With the two HMC407 cascaded together,
the CN0523 achieves a total system gain of 24 dB.
Figure 2. HMC407 Typical S-Parameters
The HMC407 has a 1 dB compression point (P1dB) of 25 dBm,
a third-order intercept point (OIP3) of 40 dBm, a saturated output
power of 28 dBm, and a noise figure of 5.5 dB.
Impedance Matching
The HMC407 does not require any external matching circuitry to
operate. The RFIN and RFOUT pins are single-ended with an impe-
dance of 50 Ω over the 5 GHz to 7 GHz frequency band, allowing
the CN0523 to directly interface with a 50 Ω terminated system.
Both RFIN and RFOUT have integrated DC-blocking capacitors that
allow HMC407 amplifiers to be cascaded back-to-back without the
need for external capacitors or an external matching network.
Figure 3 shows the basic configuration of HMC407 and the imple-
mentation of cascading two amplifiers.
Figure 3. Basic Connection for Cascading HMC407 Amplifiers
BAND-PASS FILTER
The first stage amplifier output is filtered by a band-pass filter,
which eliminates unwanted out-of-band amplification. The filter
used has a pass band of 5.15 GHz to 5.95 GHz, with a return
loss of 21 dB and an insertion loss of 0.7 dB at 5.8 GHz center
frequency.
RF PERFORMANCE
The resulting S-Parameters, phase noise measurements, spuri-
ous-free dynamic range (SFDR), input and output power measure-
ments, and stability measure of the CN0523 are shown in figures
below.
At the center frequency of 5.8 GHz, the CN0523 achieves a gain
of 24 dB with input and output return losses of greater than 10 dB.
Figure 4 shows the S-Parameters across the operating frequency
range.
Figure 4. CN0523 S-Parameters vs. Frequency
Figure 5 shows the corresponding noise figure of approximately 6.5
dB over the entire frequency range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com