Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3080
Description  Analog Front End and Digital Interface for Serial LVDS SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3080 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3080 Datasheet HTML 2Page - Analog Devices LT3080 Datasheet HTML 3Page - Analog Devices LT3080 Datasheet HTML 4Page - Analog Devices LT3080 Datasheet HTML 5Page - Analog Devices LT3080 Datasheet HTML 6Page - Analog Devices LT3080 Datasheet HTML 7Page - Analog Devices LT3080 Datasheet HTML 8Page - Analog Devices LT3080 Datasheet HTML 9Page - Analog Devices LT3080 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Circuit Note
CN-0577
analog.com
Rev. 0 | 6 of 10
Figure 18. Two-Lane Output Mode Timing Diagram
CLOCK ARCHITECTURE
The CN0577 clock tree is shown in Figure 19. An on-board 120
MHz voltage controlled crystal oscillator is used to provide the clock
for the CN0577 and the FPGA. This ultralow noise oscillator has
a typical phase noise of -162 dBc/Hz at 10 kHz offset, a tuning
voltage range of 0 V to 3.3 V, and a frequency pulling range of 28
ppm to 55 ppm. Additionally, this crystal oscillator has an RMS jitter
of <50 fs to 100 fs at 100 MHz carrier.
The clock is fanned out to the retiming flip-flop and the FPGA. An
ADG3241 level shifter converts the clock's 3.3 V logic level to the
2.5 V level required by the retiming flip-flop. An ADN4661 converts
the 3.3 V clock to LVDS signaling, which is then forwarded to a
global clock connection on the FMC connector.
Figure 19. CN0577 Clocking and Digital Connections
External Clock
If the CN0577 is to be synchronized to other circuits, or if tighter
frequency accuracy or drift frequency drift is required, an external
clock can be applied to the external clock connector. If the external
clock frequency is significantly higher or lower than the on-board
120 MHz clock, reanalyze the entire circuit including the FPGA
timing constraints.
The external clock circuitry also includes a high speed single
inverter that provides AC coupling and balances the rise and fall
times. This device has a typical time propagation delay of 2.4 ns
and achieves a high output drive, while maintaining low static power
dissipation over a broad VCC operating range.
Retiming Flip-Flop
An FPGA adds jitter to the reference clock. Often the amount of ad-
ditive jitter is unspecified or unknown, and can significantly reduce
SNR. The CN0577 includes a positive-edge-triggered D-type flip-
flop that provides a low jitter, retimed CNV edge to the LTC2387-18.
This device operates at a supply voltage from 1.65 V to 5.5 V VCC,
and has a minimum setup and hold times of 1.7 ns and 0.3 ns,
respectively.
To start a conversion, the FPGA provides a high level to the flip-
flop’s CLR pin. The rising edge of this signal may have significant
jitter. The next rising edge of the reference clock propagates a logic
high from the flip-flop’s D input to Q output, providing a low jitter
CNV edge to the LTC2387-18.
POWER TREE
The CN0577 sources power through the 12 V supply pin of the
FMC connector from the FPGA. The power tree was designed
using the LTpowerPlanner™, a system-level power architecture
design tool. Figure 20 shows the detailed power architecture of this
board.
The 12 V supply for this board is first reduced by a pre-regulator
stage, an LT3080, an adjustable 1.1 A single resistor low dropout
(LDO) regulator. This stage reduces the 12 V supply to 7.5 V,
spreading dissipation across the board. This voltage is fed onto the
four LT3042 LDOs to generate the 6.8 V, 5.1 V, 3.3 V, and 2.5 V
rails.
The LT1931, a 1.2 MHz inverting DC-DC converter, produces a -3
V rail that is fed to an LT3094 low dropout negative regulator to
produce a -1 V rail.
The total power consumption of the board is approximately 2.25 W
at 15 MSPS.
Figure 20. CN0577 Power Tree



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com