Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3080
Description  Analog Front End and Digital Interface for Serial LVDS SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3080 Datasheet(HTML) 2 Page - Analog Devices

  LT3080 Datasheet HTML 1Page - Analog Devices LT3080 Datasheet HTML 2Page - Analog Devices LT3080 Datasheet HTML 3Page - Analog Devices LT3080 Datasheet HTML 4Page - Analog Devices LT3080 Datasheet HTML 5Page - Analog Devices LT3080 Datasheet HTML 6Page - Analog Devices LT3080 Datasheet HTML 7Page - Analog Devices LT3080 Datasheet HTML 8Page - Analog Devices LT3080 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Circuit Note
CN-0577
analog.com
Rev. 0 | 2 of 10
CIRCUIT DESCRIPTION
ANALOG FRONT END
The most important feature of the CN0577's analog front end (AFE)
is to provide an easy to drive input that can be driven arbitrarily
(single-ended, differential, or pseudo differential), while meeting the
strict drive requirements of the ADC.
The LTC2387-18 SAR ADC requires a fully differential analog input
with a common-mode voltage equal to half of the REFBUF voltage,
which also sets the input range. The CN0577 sets the REFBUF
voltage to 4.096 V, resulting in an input range of ±4.096 V, and a
required common-mode voltage of 2.048 V.
The ADA4945-1 is a low noise, low distortion, fully differential
amplifier (FDA) that is ideal for driving the LTC2387-18. Offset
voltage and drift are 10 µV and 100 nV/°C, respectively; and the
input voltage noise is 1.8 nV/√Hz (full power mode, 100 kHz).
The LTC2387-18 includes a VCM output intended to set the input
common-mode voltage either through a passive network or by
driving a fully differential amplifier's VOCM pin. The VCM output
impedance is 15 Ω and can directly drive the 125 kΩ impedance of
the ADA4595-1's VOCM pin.
The ADA4945-1 input and output pins are DC-coupled, and the
inputs self bias to zero differential voltage when driven through
an external AC coupling capacitor. The ADA4595-1 uses supply
voltages of +6.8 V and -1 V, maximizing the input range and
ensuring that the outputs can utilize the full-scale input range of the
ADC.
As shown in Figure 2, the VOCM pin of the ADA4945-1 is connected
to the VCM pin of the LTC2387-18, and the output is fully differential.
Figure 2. ADA4945-1 Driving the LTC2398-18
Input Range and Common-Mode Range
The ADA4945-1 is configured in unity gain, and since the
LTC2387-18 input range is fixed at ±4.096 V, this is also the input
voltage range of the analog front end. The CN0577 can accept
differential, pseudo differential, or arbitrary input signals.
Figure 3 through Figure 6 show CN0577's input signal capabilities
in different configurations.
Figure 3. Arbitrary Input
Figure 4. Fully Differential Input
Figure 5. Pseudo Differential Bipolar IN- or COM Biased
Figure 6. Pseudo Differential Unipolar IN- or COM Grounded
The limitations on the input common-mode are determined by the
allowable common-mode range at the ADA4945-1 summing nodes
(IN+, IN-), which is specified as -VS to +VS-1.3 V. Arbitrary drive is
not easily analyzed, so the end application's worst-case situations
should be verified using the LTspice® simulation software.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com