Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5071
Description  USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 5 Page - Analog Devices

  ADP5071 Datasheet HTML 1Page - Analog Devices ADP5071 Datasheet HTML 2Page - Analog Devices ADP5071 Datasheet HTML 3Page - Analog Devices ADP5071 Datasheet HTML 4Page - Analog Devices ADP5071 Datasheet HTML 5Page - Analog Devices ADP5071 Datasheet HTML 6Page - Analog Devices ADP5071 Datasheet HTML 7Page - Analog Devices ADP5071 Datasheet HTML 8Page - Analog Devices ADP5071 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Circuit Note
CN-0582
analog.com
Rev. A | 5 of 10
IEPE Input Offsetting
IEPE signals naturally have a high dc bias and peak-to-peak val-
ues, making it difficult to interface with common smaller range
converters. To overcome this challenge, a level shifting circuit is
used.
Figure 5 shows the level shifter implementation based on the
ADA4522. The attenuation and voltage shift are designed to utilize
the full ±4.096 V ADC input range by centering the input as close as
possible to zero.
Figure 5. Level Shifting Circuit
The required voltage shift is calculated using Equation 4:
VSHIFT=VIEPE_SHIFTED +G VIEPE_INPUT 
1+G
(4)
where:
VSHIFT is the level shift voltage.
VIEPE_INPUT is the input bias voltage.
VIEPE_SHIFTED is 2.52 (must be equal to VOCM).
G is 0.3 (computed as
RFBRIN).
The level shift voltage (VSHIFT) is provided by the AD5686R digi-
tal-to-analog converter (DAC). The value of VSHIFT can be program-
med using Equation 5:
D= VSHIFT ×2n
VREF ×Gain
(5)
where:
VSHIFT is the level shift voltage.
VREF is the voltage reference of AD5686R.
Gain is the gain setting of AD5686R.
D is the digital code.
N is the number of bits of AD5686R (16-bit).
PROGRAMMABLE GAIN AMPLIFIER (PGA)
Aside from the input signal coupling and level shifting options, the
CN0582 also provides additional gain for smaller input signals. The
gain can be set for each individual analog input channel.
Figure 6 shows the PGA implementation using the LTC6910. The
common-mode voltage from the other signal conditioning stages
is connected to the AGND pin, which serves as the reference for
amplification.
Figure 6. Programmable Gain Amplifier
Depending on the gain option selected, the valid input range for
the CN0582 also changes. Table 2 describes the acceptable input
voltage range for each gain setting; voltages outside the valid input
range result in signal distortion and clipping.
Table 2. EVAL-CN0582-USBZ PGA Settings vs. Input Voltage
PGA Settings
Maximum AC Input
1
10 Vp-p
2
5 Vp-p
5
2 Vp-p
10
1 Vp-p
20
500 mVp-p
50
200 mVp-p
100
100 mVp-p
Note: The system can measure signal amplitudes of 100 μVp-p,
but the signal-to-noise ratio (SNR) is compromised. Thus, the
recommended minimum input amplitude is 500 μVp-p.
FULLY DIFFERENTIAL AMPLIFIER (FDA)
Since the output signal of the PGA is a pseudo-differential signal
with a common-mode of 2.5 V, it needs to be amplified and convert-
ed to a fully differential signal to maximize the use of the ADC’s full
scale input range of 8.192 Vp-p.
Figure 7 shows the ADA4945 fully differential ADC driver used to
convert the pseudo-differential signal from the PGA to a fully-differ-
ential signal for the ADC.
Figure 7. Single-to-Differential Driver Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com