Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5071
Description  USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 2Page - Analog Devices ADP5071 Datasheet HTML 3Page - Analog Devices ADP5071 Datasheet HTML 4Page - Analog Devices ADP5071 Datasheet HTML 5Page - Analog Devices ADP5071 Datasheet HTML 6Page - Analog Devices ADP5071 Datasheet HTML 7Page - Analog Devices ADP5071 Datasheet HTML 8Page - Analog Devices ADP5071 Datasheet HTML 9Page - Analog Devices ADP5071 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Circuit Note
CN-0582
analog.com
Rev. A | 9 of 10
9. Click the start button to begin capturing and viewing time and
frequency domain data from the ADC.
ANALOG INPUT TESTING RESULTS
For input channel accuracy, a precision audio analyzer is used
as input source of which percentage error must be less than 1%
at any amplitude and frequency. Table 5 shows the measured
values for four channels displayed in GUI corresponding to the test
parameters from the equipment.
At amplitudes less than 100 mVp-p, the maximum error is ±2
mVp-p; while at above 100 mVp-p, the average error is less than
1%.
Table 5. Analog Input Measurements
DC BIAS = 6 V
Test Amplitude (mVp-p) at Gain = 1
10
100
1000
5000
10000
Test
Frequency
(kHz)
0.1
10.96
100.60
1000.51
4996.04
9992.53
1
10.96
100.93
1000.70
4996.11
9993.93
5
10.93
100.74
999.68
4991.07
9984.00
10
10.93
100.48
996.35
4975.71
9953.88
25
10.80
98.46
975.81
4871.66
9745.64
ANALOG OUTPUT TESTING RESULTS
To assess the signal generator, the output waveform is measured
using an oscilloscope. Similar with the input channels, the average
error must be less than 1% at any amplitude and frequency setting.
Table 6 shows the programmed frequency and amplitude of a
sinusoidal waveform captured on the oscilloscope, resulting in an
error within 1%.
Table 6. Analog Output Measurements
Signal Generation
(Full Bandwidth)
Test Amplitude (mVp-p)
100
500
1000
2000
3000
3500
7000
Test
Frequency
(kHz)
0.1
100.2 500.6 1001
2000.6
2998
3492
6976
1
100.2 499.7 1004
1994
3004
3500
6988
5
100
500.5 999.8
2000
2998
3502
6983
10
100.5 502.4 1004
2007
3010
3520
6999
25
100.1 504.7 1008
2014
3022
3526
6970
50
102.5
512
1023
2042
3062
3285
6510
Figure 15. Signal Output with 3.5 Vp-p, 5 kHz Settings



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com