Electronic Components Datasheet Search
  English  ▼

X  

TDP43ME-CASE Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # TDP43ME-CASE
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TDP43ME-CASE Datasheet(HTML) 5 Page - PANDUIT CORP.

  TDP43ME-CASE Datasheet HTML 1Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 2Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 3Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 4Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 5Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 6Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 7Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 8Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Contact Technical Support at 866.871.4571.
5
Vinyl Self-Laminating Labels
• Includes a colored print-on area and clear overlaminate to protect the
legend for clear and durable identification
• Sized specifically for wire and cable applications
• Thin and conformable; preferred material for most
general wire/cable labeling
• Use thermal transfer hybrid ribbon
• Temperature range: -40°F to 150°F (-40°C to 66°C)
• UL969 recognized, File # MH14979; cUL recognized,
C22.2 No. 0.15-01, File # MH14979
Part Number
Print-On
Area
Color
Width
Length
Print-On Area
Height
Min. Cable
O.D.
Max. Cable
O.D.
Wire Range
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
S050X075VA1Y
White
0.50 12.7
0.75
19.1
0.25
6.4
0.08
2.0
0.16 4.1
Cat. 6 28 AWG/
18 – 14 AWG
8
5000
S050X075VATY*
2500
S050X125VA1Y
1.25
31.8
0.38
9.7
0.12
3.1
0.28 7.0
Cat. 3 UTP/
12 - 10 AWG
5000
S050X125VATY*
S050X150VA1Y
1.50
38.1
0.50 12.7 0.16
4.0
0.32 8.1
Cat. 5e UTP/Cat. 6
UTP/Cat. 6A UTP/
Cat. 5e FTP/
10 – 6 AWG
S050X150VATY*
S050X250VATY*
2.50
63.5
1.00 25.4 0.32
8.1
0.48 12.1
6 – 2 AWG
S075X075VATY*
0.75 19.1
0.75
19.1
0.25
6.4
0.08
2.0
0.16 4.0
Cat. 6 28 AWG/
18 – 14 AWG
5
S075X100VATY*
1.25
31.8
0.38
9.7
0.12
3.1
0.28 7.0
Cat. 3 UTP/
12 - 10 AWG
S075X125VATY*
S075X150VATY*
1.50
38.1
0.50 12.7 0.16
4.0
0.32 8.1
Cat. 5e UTP/Cat. 6
UTP/Cat. 6A UTP/
Cat. 5e FTP/
10 – 6 AWG
S100X075VA1Y
1.00 25.4
0.75
19.1
0.25
6.4
0.08 0.50
2.0
4.0
Cat. 6 28 AWG/
18 – 14 AWG
4
2500
S100X075VATY*
5000
S100X125VA1Y
1.25
31.8
0.38
9.7
0.12
3.1
0.28 7.0
Cat. 3 UTP/
12 - 10 AWG
2500
S100X125VATY*
5000
S100X150VA1Y
1.50
38.1
0.50 12.7 0.16
4.0
0.32 8.1
Cat. 5e UTP/Cat. 6
UTP/Cat. 6A UTP/
Cat. 5e FTP/
10 - 6 AWG
4
2500
S100X150VATY
5000
S100X150VBTY
TIA Blue
S100X150VCTY TIA Brown
S100X150VDTY TIA Green
S100X150VETY
TIA Gray
S100X150VFTY TIA Orange
S100X150VGTY TIA Purple
Order number of labels required in multiples of Standard Package Quantity.
*Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com