Electronic Components Datasheet Search
  English  ▼

X  

TDP43ME-CASE Datasheet(PDF) 12 Page - PANDUIT CORP.

Part # TDP43ME-CASE
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TDP43ME-CASE Datasheet(HTML) 12 Page - PANDUIT CORP.

Back Button TDP43ME-CASE Datasheet HTML 8Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 9Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 10Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 11Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 12Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 13Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 14Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 15Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 16Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
12
Military Grade Single-Sided Heat Shrink Labels
• Permanent, one-piece, heat shrink sleeve designed to provide clear,
durable identification of wires and cables
• Meet UL Standard 224 with a VW-1 rating for flammability and AMS-
DTL-23053/5C (Class 1 and Class 3)
• Meet SAE-AS81531, MIL-STD-883F Method 2015.13,
Solutions A, B, and D, and MIL-STD-202G Method 215K,
Solutions A, C, and D when printed with resin and hybrid thermal
transfer ribbons
• Shrink ratio 3:1
• Tested for use as an identification marker in (Class 1E)
harsh environments
• Use thermal transfer hybrid ribbon or white resin ribbon
• Temperature range: -67°F to 275°F (-55°C to 135°C )
• UL224 recognized, File # E205133; CSA certified, C22.2
No. 198.1.06, File # 256205
Part Number Part Number Part Number Part Number
Diameter Width
Height
Min.
Cable
O.D.
Max.
Cable
O.D.
Wire
Range
Labels
Per
Row
Labels
Per
Roll
Std.
Pkg.
Qty.
(Roll)
In. mm In. mm In. mm In. mm In. mm
H050X025H1T* H050X025H2T H050X025H3T H050X025H4T
0.13 3.1
0.50 12.7
0.25 6.4 0.04 1.0 0.13 3.3 22 – 18
AWG
4
2000
1
H075X025H1T* H075X025H2T H075X025H3T H075X025H4T
0.75 19.1
2
1000
H100X025H1T* H100X025H2T H100X025H3T H100X025H4T
1.00 25.4
H150X025H1T* H150X025H2T H150X025H3T H150X025H4T
1.50 38.1
1
500
H200X025H1T* H200X025H2T H200X025H3T H200X025H4T
2.00 50.8
H050X034H1T* H050X034H2T H050X034H3T H050X034H4T
0.19 4.7
0.50 12.7
0.34 8.6 0.06 1.5 0.19 4.8 18 – 12
AWG
4
2000
H075X034H1T* H075X034H2T H075X034H3T H075X034H4T
0.75 19.1
2
1000
H100X034H1T* H100X034H2T H100X034H3T H100X034H4T
1.00 25.4
H150X034H1T* H150X034H2T H150X034H3T H150X034H4T
1.50 38.1
1
500
H200X034H1T* H200X034H2T H200X034H3T H200X034H4T
2.00 50.8
H050X044H1T* H050X044H2T H050X044H3T H050X044H4T
0.25 6.3
0.50 12.7
0.44 11.2 0.08 2.0 0.25 6.4 16 – 10
AWG
4
2000
H075X044H1T* H075X044H2T H075X044H3T H075X044H4T
0.75 19.1
2
1000
H100X044H1T* H100X044H2T H100X044H3T H100X044H4T
1.00 25.4
H150X044H1T* H150X044H2T H150X044H3T H150X044H4T
1.50 38.1
1
500
H200X044H1T* H200X044H2T H200X044H3T H200X044H4T
2.00 50.8
H050X064H1T* H050X064H2T H050X064H3T H050X064H4T
0.38 9.7
0.50 12.7
0.64 16.3 0.13 3.3 0.38 9.7 12 – 6
AWG
4
2000
H100X064H1T* H100X064H2T H100X064H3T H100X064H4T
1.00 25.4
2
1000
H200X064H1T* H200X064H2T H200X064H3T H200X064H4T
2.00 50.8
1
500
H050X084H1T
0.50 12.7
0.50 12.7
0.84 21.3 0.17 4.3 0.50 12.7
8 – 1
AWG
4
2000
H100X084H1T H100X084H2T H100X084H3T H100X084H4T
1.00 25.4
2
1000
H200X084H1T H200X084H2T H200X084H3T H200X084H4T
2.00 50.8
1
500
H050X165H1T
1.00 25.4
0.50 12.7
1.65 41.9 0.33 8.4 1.00 25.4
4 AWG
– 500
MCM
4
1000
H100X165H1T H100X165H2T H100X165H3T H100X165H4T
1.00 25.4
2
500
H200X165H1T H200X165H2T H200X165H3T H200X165H4T
2.00 50.8
1
250
H200X240H1T H200X240H2T
1.50 38.1 2.00 50.8 2.40 61.0 0.50 12.7 1.50 38.1
1 AWG
– 1000
MCM
1
100
Order number of labels required in multiples of Standard Package Quantity.
*Available in Bulk packages (5 times Labels Per Roll), add -B to end of part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com