Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G240DP Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G240DP
Description  Dual inverting buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G240DP Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC2G240DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
74LVC2G240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 8 April 2013
3 of 22
NXP Semiconductors
74LVC2G240
Dual inverting buffer/line driver; 3-state
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aah782
1A
2Y
1Y
1OE
2A
2OE
EN
EN
001aah783
Fig 3.
Pin configuration SOT505-2 and SOT765-1
Fig 4.
Pin configuration SOT833-1, SOT1089,
SOT1116 and SOT1203
74LVC2G240
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
001aaf075
1
2
3
4
6
5
8
7
74LVC2G240
1Y
2OE
VCC
2A
2Y
1A
1OE
GND
001aaf076
36
27
18
45
Transparent top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com