Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G240DP Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G240DP
Description  Dual inverting buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G240DP Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G240DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 21Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
74LVC2G240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 8 April 2013
17 of 22
NXP Semiconductors
74LVC2G240
Dual inverting buffer/line driver; 3-state
Fig 16. Package outline SOT1116 (XSON8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1116
sot1116_po
10-04-02
10-04-07
Unit
mm
max
nom
min
0.35
0.04
1.25
1.20
1.15
1.05
1.00
0.95
0.55
0.3
0.40
0.35
0.32
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON8: extremely thin small outline package; no leads;
8 terminals; body 1.2 x 1.0 x 0.35 mm
SOT1116
A1
b
0.20
0.15
0.12
DE
e
e1
L
0.35
0.30
0.27
L1
0
0.5
1 mm
scale
terminal 1
index area
E
D
(4
×)(2)
(8
×)(2)
A1
A
e1
e1
e1
e
L
L1
b
4
3
2
1
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com