Electronic Components Datasheet Search
  English  ▼

X  

HMC490 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC490
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490 Datasheet(HTML) 4 Page - Analog Devices

  HMC490 Datasheet HTML 1Page - Analog Devices HMC490 Datasheet HTML 2Page - Analog Devices HMC490 Datasheet HTML 3Page - Analog Devices HMC490 Datasheet HTML 4Page - Analog Devices HMC490 Datasheet HTML 5Page - Analog Devices HMC490 Datasheet HTML 6Page - Analog Devices HMC490 Datasheet HTML 7Page - Analog Devices HMC490 Datasheet HTML 8Page - Analog Devices HMC490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
13 - 4
13
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Enable Waveform
HMC981LP3E
v02.1222
ACTIVE BIAS CONTROLLER
-8
-6
-4
-2
0
2
4
6
8
02468
10
12
EN
VDRAIN
VG2
VNEG
VGATE
TIME (ms)
Disable Waveform
-8
-6
-4
-2
0
2
4
6
8
12
14
16
18
20
EN
VDRAIN
VG2
VNEG
VGATE
TIME (ms)
Power Up Waveform
-4
-2
0
2
4
6
8
0
10
20
30
40
50
VDD
VDRAIN
VDIG
VG2
VNEG
VGATE
TIME (ms)
Shutdown Waveform
-4
-2
0
2
4
6
8
0
20
40
60
80
100
VDD
VDRAIN
VDIG
VG2
VNEG
VGATE
TIME (ms)
-2.8
-2.3
-1.8
-1.3
-0.8
-20
-10
0
10
20
0
0.5
1
1.5
2
TIME (ms)
-2.55
-2.525
-2.5
-2.475
-2.45
-2.425
-2.4
-15
-10
-5
0
5
10
15
0
0.5
1
1.5
2
TIME (ms)
VNEG Load Transient VDD=4V
VNEG Load Transient VDD=6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com