Electronic Components Datasheet Search
  English  ▼

X  

HMC490 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC490
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC490 Datasheet HTML 2Page - Analog Devices HMC490 Datasheet HTML 3Page - Analog Devices HMC490 Datasheet HTML 4Page - Analog Devices HMC490 Datasheet HTML 5Page - Analog Devices HMC490 Datasheet HTML 6Page - Analog Devices HMC490 Datasheet HTML 7Page - Analog Devices HMC490 Datasheet HTML 8Page - Analog Devices HMC490 Datasheet HTML 9Page - Analog Devices HMC490 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
13 - 6
13
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [1]
HMC981LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H981
XXXX
[1] 4-Digit lot number XXXX
[2] Max peak reflow temperature of 260 °C
Package Information
Absolute Maximum Ratings [1]
VDD
12V
VG2_CONT, VDRAIN
-0.5V to VDD + 0.5V
SW, EN, CP_OUT, VGATEFB,
VNEGFB, TRIG_OUT, DISBL_SC,
ISENSE
-0.5V to VDIG + 0.5V
VDIG
5.5V
VNEG
-4V to GND
VG2
-0.5V to VDD + 0.5V
Junction Temperature
125 °C
Continuous Pdiss (T = 85 °C)
(Derate 19.19 mW/°C above 85 °C)
0.77 Watts
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Thermal Resistance (R
TH)
(Junction to package bottom)
52.1 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1B
Note that there are two different voltage domains on
HMC981LP3E; a high voltage domain Vdd, and a low voltage
domain VDIG. Take necessary precautions not to violate ABS
MAX ratings of each subdomains.
HMC981LP3E
v02.1222
ACTIVE BIAS CONTROLLER
NOTES:
1.
PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND
SILICON IMPREGNATED.
2.
LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY.
3.
LEAD AND GROUND PADDLE PLATING: 100% MATTE TIN.
4.
DIMENSIONS ARE IN INCHES [MILLIMETERS].
5.
LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
6.
CHARACTERS TO BE HELVETICA MEDIUM, .025 HIGH, WHITE INK, OR LASER MARK
LOCATED APPROX. AS SHOWN.
7.
PAD BURR LENGTH SHALL BE 0.15mm MAX. PAD BURR HEIGHT SHALL BE 0.05mm MAX.
8.
PACKAGE WARP SHALL NOT EXCEED 0.05mm
9.
ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
10.
REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED PCB LAND PATTERN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com