Electronic Components Datasheet Search
  English  ▼

X  

TLV825 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV825
Description  TLVx825 3.5MHz, 1.8V to 5.5V, High Precision, Zero-Drift Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV825 Datasheet(HTML) 2 Page - Texas Instruments

  TLV825 Datasheet HTML 1Page - Texas Instruments TLV825 Datasheet HTML 2Page - Texas Instruments TLV825 Datasheet HTML 3Page - Texas Instruments TLV825 Datasheet HTML 4Page - Texas Instruments TLV825 Datasheet HTML 5Page - Texas Instruments TLV825 Datasheet HTML 6Page - Texas Instruments TLV825 Datasheet HTML 7Page - Texas Instruments TLV825 Datasheet HTML 8Page - Texas Instruments TLV825 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 ESD Ratings............................................................... 6
5.3 Recommended Operating Conditions.........................6
5.4 Thermal Information for Single Channel..................... 7
5.5 Thermal Information for Dual Channel........................7
5.6 Thermal Information for Quad Channel...................... 7
5.7 Electrical Characteristics.............................................8
5.8 Typical Characteristics.............................................. 10
6 Detailed Description......................................................19
6.1 Overview................................................................... 19
6.2 Functional Block Diagram......................................... 19
6.3 Feature Description...................................................19
6.4 Device Functional Modes..........................................24
7 Application and Implementation.................................. 25
7.1 Application Information............................................. 25
7.2 Typical Application.................................................... 27
7.3 Power Supply Recommendations.............................28
7.4 Layout....................................................................... 28
8 Device and Documentation Support............................30
8.1 Device Support......................................................... 30
8.2 Documentation Support............................................ 30
8.3 Receiving Notification of Documentation Updates....30
8.4 Support Resources................................................... 31
8.5 Trademarks...............................................................31
8.6 Electrostatic Discharge Caution................................31
8.7 Glossary....................................................................31
9 Revision History............................................................ 31
10 Mechanical, Packaging, and Orderable
Information.................................................................... 31
TLV825, TLV2825, TLV4825
SLVSLE3B – MAY 2026 – REVISED SEPTEMBER 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TLV825 TLV2825 TLV4825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com