Electronic Components Datasheet Search
  English  ▼

X  

TLV825 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV825
Description  TLVx825 3.5MHz, 1.8V to 5.5V, High Precision, Zero-Drift Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV825 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV825 Datasheet HTML 17Page - Texas Instruments TLV825 Datasheet HTML 18Page - Texas Instruments TLV825 Datasheet HTML 19Page - Texas Instruments TLV825 Datasheet HTML 20Page - Texas Instruments TLV825 Datasheet HTML 21Page - Texas Instruments TLV825 Datasheet HTML 22Page - Texas Instruments TLV825 Datasheet HTML 23Page - Texas Instruments TLV825 Datasheet HTML 24Page - Texas Instruments TLV825 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
6.3.5 Overload Recovery
Overload recovery is defined as the time required for the operational amplifier output to recover from a saturated
state to a linear state. The output stage of the operational amplifier enters a saturation region when the output
voltage exceeds the rated operating voltage, because of the high input voltage or high gain. After one of the
outputs enters the saturation region, the output stage requires additional time to return to the linear operating
state which is referred to as overload recovery time. After the output stage returns to linear operating state, the
amplifier begins to slew at the specified slew rate. Therefore, the propagation delay (in case of an overload
condition) is the sum of the overload recovery time and the slew time. The overload recovery time for the
TLVx825 family is designed to be approximately 1.5μs typical.
6.3.6 Phase-Reversal Protection
The TLVx825 includes internal phase-reversal protection. Some op amps exhibit a phase reversal when the
input is driven beyond the linear common-mode range. This condition is most often encountered in noninverting
and unity gain circuits when the input is driven beyond the specified common-mode voltage range, causing
the output to reverse into the opposite rail. The TLVx825 input prevents phase reversal with excessive common-
mode voltage. Instead, the output limits into the appropriate rail. Figure 6-2 shows this performance.
Figure 6-2. No Phase Reversal
6.3.7 Chopping Transients
Zero-drift amplifiers such as the TLVx825 use a switching architecture on the inputs to correct for the intrinsic
offset and drift of the amplifier. Charge injection from the integrated switches on the inputs can introduce short
transients in the input bias current of the amplifier. The extremely short duration of these pulses prevents the
pulses from amplifying; however, the pulses can be coupled to the output of the amplifier through the feedback
network. Use low value feedback and input resistors to minimize the input transient effects at the output of
the amplifier. Use a low-pass filter, such as an RC network, to minimize any additional noise attributed to the
transients. The chopping frequency of the TLVx825 is typically 200kHz.
6.3.8 EMI Rejection
The TLVx825 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI
interference from sources such as wireless communications and densely-populated boards with a mix of analog
signal chain and digital components. EMI immunity can be improved with circuit design techniques; the TLVx825
benefits from these design improvements.
High-frequency signals conducted or radiated to any pin of the operational amplifier can result in adverse effects,
as there is insufficient amplifier loop gain to correct for signals with spectral content outside the bandwidth.
Conducted or radiated EMI on inputs, power supply, or output can result in unexpected dc offsets, transient
voltages, or other unknown behavior. Take care to properly shield and isolate sensitive analog nodes from noisy
radio signals and digital clocks and interfaces.
www.ti.com
TLV825, TLV2825, TLV4825
SLVSLE3B – MAY 2026 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV825 TLV2825 TLV4825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com