Electronic Components Datasheet Search
  English  ▼

X  

28540 Datasheet(PDF) 12 Page - Wiha Tools

Part # 28540
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28540 Datasheet(HTML) 12 Page - Wiha Tools

Back Button 28540 Datasheet HTML 8Page - Wiha Tools 28540 Datasheet HTML 9Page - Wiha Tools 28540 Datasheet HTML 10Page - Wiha Tools 28540 Datasheet HTML 11Page - Wiha Tools 28540 Datasheet HTML 12Page - Wiha Tools 28540 Datasheet HTML 13Page - Wiha Tools 28540 Datasheet HTML 14Page - Wiha Tools 28540 Datasheet HTML 15Page - Wiha Tools 28540 Datasheet HTML 16Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
8 Piece Insulated TorqueControl
Set With Slotted & Phillips SlimLine Blades
Certified to EN ISO 6789, BS EN 26789,
ASME B107.14M. Set includes Insulated multi-
component adjustable TorqueVario-S handle,
5 SlimLine blades, SlimLine blade holder &
Torque adjustment tool.
28791
Item No.
28791 SlimLine Slotted: 3.0, 4.0, 5.5mm
SlimLine Phillips: #1, #2
lbs.
28726 - Handle Range 10-50 Inch/lbs.
.87
SlimLine Blade Holder
With Certificate of Calibration
1000Volt
Insulated Torque & SlimLine Tool Sets
16 Piece Insulated TorqueControl
Set With SlimLine Blades Certified to EN ISO
6789, BS EN 26789, ASME B107.14M. Set
includes Insulated multi-component adjustable
TorqueVario-S handle, 13 SlimLine blades,
SlimLine blade holder & Torque adjustment tool.
28792
Item No.
28792 SlimLine Slotted: 4.0, 5.5, 6.5mm
SlimLine Phillips: #1, #2
lbs.
SlimLine Terminal Xeno: #1, 2
1.27
SlimLine
: T8, T10, T15, T20
SlimLine Square: #1, #2
28727 - Handle Range 18-62 Inch/lbs.
SlimLine Blade Holder
With Certificate of Calibration
1000Volt
Insulated TorqueVario-S, With
Window Scale Insulation
up to 1000Volt.
EN/IEC, EN ISO, BS EN, ASME & CSA, +/-
6% Accuracy. Ergonomic multi-component
handle, light & compact. Handle sizes
proportioned to optimize torque range. Audible
& perceptible click when torque setting has
been attained. In Plastic Tube Holder
Item
Range
No.
Inch lbs. Increments mm
5 - 18 .5 In/lbs
126-131
10 - 50 2 In/lbs
133-138
18 - 62 2 In/lbs
137-142
Each TorqueVario handle has unique serial
number & certificate of calibration
Wiha Insulated
TorqueControl Tools
* Includes
Certificate
* Includes
SlimLine blade
holder #28350
Item
Range
No.
Nm
mm
lbs.
pkg.
0.5 - 2.0
131
.64
1
0.8 - 5.0
138
.56
1
2.0 - 7.0
142
.84
1
Insulated TorqueVario-S Handle -
In Newton Meter Scale
* Requires
SlimLine
Blades
1000Volt
287
28750
28751
28752
28740
28741
28742
287
lbs. pkg.
.56
1
.74
1
.84
1
12 Pc. Insulated TorqueControl
Set With SlimLine Blades Certified to EN
ISO, BS EN, ASME. Set includes Insulated
multi-component adjustable TorqueVario-S
Nm handle, SlimLine Blade Holder Handle,
8 SlimLine blades, SlimLine blade holder &
Torque adjustment tool.
Item No.
SlimLine Slotted: 4.0, 5.5, 6.5mm
SlimLine Phillips: #1, 2
SlimLine Pozidriv®: #1, 2
SlimLine Terminal Xeno Sl/Pz: #2
28736 - Handle Range 0.8 - 5.0 Nm
SlimLine Blade Holder Handle
SlimLine Blade Holder
lbs. 1.32
With Certificate of Calibration
28795
28795
Notes:
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com