Electronic Components Datasheet Search
  English  ▼

X  

28540 Datasheet(PDF) 5 Page - Wiha Tools

Part # 28540
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28540 Datasheet(HTML) 5 Page - Wiha Tools

  28540 Datasheet HTML 1Page - Wiha Tools 28540 Datasheet HTML 2Page - Wiha Tools 28540 Datasheet HTML 3Page - Wiha Tools 28540 Datasheet HTML 4Page - Wiha Tools 28540 Datasheet HTML 5Page - Wiha Tools 28540 Datasheet HTML 6Page - Wiha Tools 28540 Datasheet HTML 7Page - Wiha Tools 28540 Datasheet HTML 8Page - Wiha Tools 28540 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Adjustable TorqueVario With Direct
Reading Scale EN ISO 6789, BS EN 26789,
ASME B107.14M. Ergonomic molded
multi-component handle, light and compact.
Handle sizes proportioned to optimize torque
range. Audible and perceptible click when the
torque setting has been attained, automatically
resets for next torque cycle.
Pkg. 1
285
Item
Range
No.
Inch lbs.
Increments
mm
28501* 15 - 80(in/oz) 2.5 In.oz.
127
28502 5 - 10
.5 In.lbs.
127
28506 10 - 50
2 In.lbs.
138
Wiha Adjustable TorqueControl Tools
Direct Reading Scale
+/-6% accuracy tolerance
Certificate of calibration
Adjustable TorqueVario-S Handle - In
Newton Meter Scale EN ISO 6789,
BS EN 26789, ASME B107.14M. Ergo molded
multi-component handle, light & compact.
Handle sizes proportioned to optimize torque
range. Audible & perceptible click when the
torque setting has been attained, automatically
resets for next torque cycle.
Pkg. 1
285
Item
Newton
No.
Meter Scale Increments mm
28550* 0.1 - 0.6Nm .05 Nm
127
28551 0.4 - 1.0Nm .05 Nm
127
28552 0.5 - 2.0Nm .10 Nm
131
28553 0.8 - 5.0Nm .20 Nm
138
28655 2.0 - 7.0Nm .25 Nm
142
TorqueFix, With Wiha-SoftFinish®
Handle Fixed Torque value pre-set. Tested in
accordance with EN ISO 6789, BS EN 26789,
ASME B107.14M, tolerance +/- 6%. Audible
& perceptible click when pre-set torque has
been attained. Automatically resets for next
torque cycle; 50% greater reverse torque.
285
Item
Pre-Sets
No.
oz. lbs. Nm
mm Inch
28503
80
5
0.56 112 4.4
28505
120 7.5
0.84 112 4.4
28507
160 10
1.12 119 4.7
28509
200 12.5 1.41 119 4.7
28511
240 15
1.69 119 4.7
28513
320 20
2.25 119 4.7
28515
400 25
2.82 126 4.9
28517
480 30
3.39 126 4.9
28518
560 35
3.95 126 4.9
28519
640 40
4.52 126 4.9
28521
800 50
5.65 132 5.2
28523
960 60
6.78 132 5.2
28525
1120 70
7.91 132 5.2
• TorqueFix factory preset torque
• TorqueVario adjustable torque drivers
molded cushion grip two component
handles allow for maximum achievable
torque to be reached with comfort.
Precise repeatability!
All TorqueFix & TorqueVario tools
are tested and comply with:
• EN ISO 6789
• BS EN 26789
• ASME B107.14M
Wiha TorqueControl Screwdrivers
Precise torque
for service,
assembly,
tooling & repair
Audible &
perceptible click
alerts user that
torque level has
been attained
Loosening torque
50% greater than
the tightening torque
+/-6% accuracy tolerance
Automatically resets
for next torque
setting cycle
Cushion grips for
maximum user
comfort
Whether it’s TorqueVario-S or TorqueFix -
Wiha has a torque screwdriver to cover almost every application
Adjustable ESD Safe
Adjustable Insulated
Adjustable
Fixed
Each tool has unique serial number
and certificate of calibration
· 28501 +/- 10% (This unit only)*
* +/- 10% (This unit only)
All TorqueVario
models include
Torque setting
adjustment tool
+/-6% accuracy tolerance
Certificate of calibration
Item
Range
No.
Inch lbs.
Increments
mm
28404 5 - 18
1 In.lbs.
131
28408 18 - 62
2 In.lbs.
142
Item
Range
No.
Inch lbs.
Increments
mm
28410* 15 - 80(in/oz) 2.5 In.oz.
127
28411 5 - 10
.5 In.lbs.
127
28412 10 - 50
2 In.lbs.
138
28413 5 - 18
.5 In.lbs.
131
28414 18 - 62
2 In.lbs.
142
Direct Reading Scale
+/-6% accuracy tolerance Certificate of calibration
+/-6% accuracy tolerance Certificate of calibration
* 28501 +/- 10% (This unit only)
1/4” Bit Holder
4mm Bit Holder
Item
Range
No.
Inch lbs.
Increments
mm
28415* 0.1 - 0.6Nm .05 Nm
127
28416 0.4 - 1.0Nm .05 Nm
127
28417 0.5 - 2.0Nm .10 Nm
131
28418 0.8 - 5.0Nm .20 Nm
138
28419 2.0 - 7.0Nm .25 Nm
142
1/4” Bit Holder
* +/- 10% (This unit only)
+/-6% accuracy tolerance
Certificate of calibration
www.wihatools.com
lbs. pkg.
.16 1
.15 1
.28 1
.27 1
.27 1
.28 1
.37 1
.37 1
.37 1
.37 1
.52 1
.52 1
.52 1
lbs.
.22
.41
.59
lbs.
.35
.35
.45
.55
.70
lbs.
.50
.74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com