Electronic Components Datasheet Search
  English  ▼

X  

28612 Datasheet(PDF) 11 Page - Wiha Tools

Part # 28612
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28612 Datasheet(HTML) 11 Page - Wiha Tools

Back Button 28612 Datasheet HTML 7Page - Wiha Tools 28612 Datasheet HTML 8Page - Wiha Tools 28612 Datasheet HTML 9Page - Wiha Tools 28612 Datasheet HTML 10Page - Wiha Tools 28612 Datasheet HTML 11Page - Wiha Tools 28612 Datasheet HTML 12Page - Wiha Tools 28612 Datasheet HTML 13Page - Wiha Tools 28612 Datasheet HTML 14Page - Wiha Tools 28612 Datasheet HTML 15Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
24 Pc. TorqueVario-S Micro-Bit Set
Certified to EN ISO 6789, BS EN 26789,
ASME B107.14M. Set includes ergonomic
multi-component adjustable TorqueVario-S
handle, 21 Micro Bits, Micro Bit holder &
Torque adjustment tool. Packed in a compact
durable storage box.
Item
Slotted: 1.5, 2.0, 3.0, 4.0mm
No.
Phillips: #00, #0, #1
28590
: T6, T7, T8, T9, T10, T15
Hex Inch: .050, 1/16, 5/64, 3/32,
lbs.
7/64, 1/8, 9/64, 5/32
1.35
28404 - Handle Range 5 - 18 In/lbs.
28590
Wiha Adjustable
TorqueControl Tool Sets In
Durable Storage Box
With Certificate of Calibration
24 Pc. TorqueVario-S Micro-Bit Set
Certified to EN ISO 6789, BS EN 26789,
ASME B107.14M. Set includes ergonomic
multi-component adjustable TorqueVario-S
handle, 21 Micro Bits, Micro Bit holder &
Torque adjustment tool. Packed in a compact
durable storage box.
Item
Slotted: 1.5, 2.0, 3.0, 4.0mm
No.
Phillips: #00, #0, #1
28593
: T6, T7, T8, T9, T10, T15
Hex Inch: .050, 1/16, 5/64, 3/32,
lbs.
7/64, 1/8, 9/64, 5/32
1.35
28501 - Handle Range 15-80 In/oz.
(+/- 10%)
28593
With Certificate of Calibration
8 Piece TorqueControl Set With
Slotted & Phillips Blades Certified to
EN ISO 6789, BS EN 26789, ASME B107.14M.
Set includes ergonomic multi-component
adjustable TorqueVario-S handle, 6 blades &
Torque adjustment tool. Packed in a durable
canvas pouch.
28596
Item No.
28596 Slotted: 2.5, 3.0, 3.5, 4.0mm
Phillips: #0, #1
lbs. 1.0 28404 - Handle Range 5 - 18 In/lbs.
8 Pc. TorqueControl Set With
Blades Certified to EN ISO 6789,
BS EN 26789, ASME B107.14M
Item
lbs. 1.01
No.
: T7, T8, T9, T10, T15, T20
28597 28506 - Handle Range 10 - 50 In/lbs.
28597
8 Piece TorqueControl Set With
Blades Certified to EN ISO 6789,
BS EN 26789, ASME B107.14M
Item
lbs. 1.00
No.
IP7, IP8, IP9, IP10, IP15, IP20
28598 28506 - Handle Range 10 - 50 In/lbs.
28598
14 Piece TorqueControl Set With
&
Blades Certified to
EN ISO 6789, BS EN 26789, ASME B107.14M.
Set includes Ergonomic multi-component
adjustable TorqueVario-S handle, 12 blades &
Torque adjustment tool. Packed in a durable
canvas pouch.
Item
:
lbs. 1.25
No.
IP7, IP8, IP9, IP10, IP15, IP20
28599
: T7, T8, T9, T10, T15, T20
28506 - Handle Range 10 - 50 In/lbs.
28599
With Certificate of Calibration
With Certificate of Calibration
With Certificate of Calibration
With Certificate of Calibration
Wiha TorqueControl Sets In Durable Canvas Pouch
20 Piece TorqueControl Set With
Slotted, Phillips,
, Hex Inch Blades
Certified to EN ISO 6789, BS EN 26789,
ASME B107.14M. Set includes ergonomic
multi-component adjustable TorqueVario-S
handle, 18 blades & Torque adjustment tool.
Packed in a durable canvas pouch.
28600
Item No.
28600 Slotted: 2.5, 3.5, 4.0mm
Phillips: #0, #1, #2
: T7, T8, T9, T10, T15, T20
lbs.
Hex: 5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
1.38
28506 - Handle Range 10 - 50 In/lbs.
With Certificate of Calibration
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com