Electronic Components Datasheet Search
  English  ▼

X  

28612 Datasheet(PDF) 15 Page - Wiha Tools

Part # 28612
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28612 Datasheet(HTML) 15 Page - Wiha Tools

Back Button 28612 Datasheet HTML 11Page - Wiha Tools 28612 Datasheet HTML 12Page - Wiha Tools 28612 Datasheet HTML 13Page - Wiha Tools 28612 Datasheet HTML 14Page - Wiha Tools 28612 Datasheet HTML 15Page - Wiha Tools 28612 Datasheet HTML 16Page - Wiha Tools 28612 Datasheet HTML 17Page - Wiha Tools 28612 Datasheet HTML 18Page - Wiha Tools 28612 Datasheet HTML 19Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
D
D
ESD Safe Slotted Interchangeable
Blades For TorqueVario-S
288
Item
Max. Torque
No.
mm Inch mm
Nm
lbs.
28805
3.0 .118 175
0.6
.07
28809
4.0 .157 175
2.5
.07
ESD Safe
Interchangeable
Blades For TorqueVario-S
288
Item
Max. Torque
No.
Size mm mm
Nm
lbs.
28825
T5
175 4.0
0.4
.07
28827
T7
175 4.0
0.9
.07
28829
T9
175 4.0
2.5
.07
Interchangeable Blades For
TorqueFix T-Handle
tip blades
on 6mm Hex shafts. High alloy CVM steel,
hardened, hard chromed.
289
Item
No.
Size mm
Inch mm lbs.
28903
T15
130
5.1
6.0
.10
28904
T20
130
5.1
6.0
.10
28905
T25
130
5.1
6.0
.11
28906
T27
130
5.1
6.0
.11
28907
T30
130
5.1
6.0
.11
28908
T40
130
5.1
6.0
.11
Interchangeable Blades
For TorqueFix T-Handle
tip
blades on 6mm Hex shafts. High alloy CVM
steel, hardened, hard chromed.
289
Item
No.
Size
mm
Inch mm lbs.
28910
IP15
130
5.1
6.0
.10
28911
IP20
130
5.1
6.0
.10
28912
IP25
130
5.1
6.0
.11
28913
IP27
130
5.1
6.0
.11
28914
IP30
130
5.1
6.0
.11
28915
IP40
130
5.1
6.0
.11
Hex Metric Interchangeable Blades
For TorqueFix T-Handle Hex tip blades on
6mm Hex shafts. High alloy CVM steel,
hardened, satin hard chrome finish.
289
Item
No.
mm
mm
Inch lbs. pkg.
28916
3.0
130
5.1
.11
1
28917
4.0
130
5.1
.11
1
28918
5.0
130
5.1
.11
1
28919
6.0
130
5.1
.11
1
Hex Inch Interchangeable Blades For
TorqueFix T-Handle Hex tip blades on
6mm Hex shafts. High alloy CVM steel,
hardened, satin hard chrome finish.
289
Item
No.
Inch
mm
Inch lbs. pkg.
28920
1/8
130
5.1
.11
1
28921
9/64
130
5.1
.11
1
28923
3/16
130
5.1
.11
1
28924
7/32
130
5.1
.11
1
TorqueFix Adapter For 1/4” & 3/8”
Sockets Shaft CVM steel, hardened,
corrosion protected.
Item
No.
Size mm Inch mm lbs. pkg.
28926
1/4 100 3.9 6.0 .12
1
28927
3/8 100 3.9 6.0 .15
1
289
TorqueFix Quick Release Bit Holder
Shaft CVM steel, hardened, corrosion protected.
Item
No.
Size mm Inch mm lbs. pkg.
28925
1/4
125 4.9
6.0 .15
1
28925
Wiha T-handle TorqueControl Adapters
T-handle TorqueControl Blades
TorqueFix T-handle EN ISO 6789,
BS EN 26789, ASME B107.14M, +/- 6%
289
Item
Torque Torque
No.
In-lbs. Nm
mm x mm lbs.
28931
53.1
6
56 x 120 .81
28933
70.8
8
56 x 120 .82
28935
88.5
10
56 x 120 .79
28937
106.2 12
56 x 120 .79
28938
110.6 12.5 56 x 120 .80
28939
123.9 14
56 x 120 .80
Each TorqueFix T-handle has unique serial
number and certificate of calibration
T-handle TorqueControl Handles
Includes Calibration
Certificate
Adjustable TorqueVario STplus
T-handle EN ISO 6789, BS EN 26789,
ASME B107.14M, +/- 6%
28940
Item Torque Torque
No.
Nm
In-lbs.
mm x mm
28940 5-14 44.3-123.9 56 x 120
Includes Calibration
Certificate
* (1 Nm 8.8507) (Scale is shown in Nm only)
Accuracy Ergonomic multi-component
handle, light & compact
ESD Safe TorqueVario-S Newton
Meter, With Window Scale EN ISO 6789,
BS EN 26789, ASME B107.14M, +/- 10%
Accuracy. Ergonomic multi-component handle,
light and compact. Handle sizes proportioned
to optimize torque range. Audible & perceptible
click when torque setting has been attained.
With Certificate of accuracy.
285
Item
Range
No.
Nm
mm
Inch
lbs.
28500
.04 - .46 124 4.875” .35
ESD TorqueVario handle has unique serial
number and certificate of calibration
ESD Safe TorqueControl Tools
Includes Certificate
D
D
ESD Safe Pentalobe IPR Interchangeable
Blades For TorqueVario-S Newton Meter
Handle tip blades on narrow 5/32 Hex shafts.
High alloy CVM steel, hardened, hard chromed.
288
Item
No.
Size mm
mm
lbs. pkg.
28818
PL1 175
4.0
.07
1
ESD Safe Bit Holder Adapter For
1/4” Drive Bits Shaft CVM steel, hardened,
corrosion protected. (Not for use in Insulated handles)
Item
No.
Size mm
mm lbs. pkg.
28882
1/4
162
4.0
.09 1
28882
www.wihatools.com
pkg.
1
1
pkg.
1
1
1
pkg.
1
1
1
1
1
1
lbs. pkg.
.81 1
pkg.
1
1
1
1
1
1
pkg.
1
1
1
1
1
1
pkg.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com