Electronic Components Datasheet Search
  English  ▼

X  

LT1521 Datasheet(PDF) 10 Page - Analog Devices

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1521 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT1521 Datasheet HTML 6Page - Analog Devices LT1521 Datasheet HTML 7Page - Analog Devices LT1521 Datasheet HTML 8Page - Analog Devices LT1521 Datasheet HTML 9Page - Analog Devices LT1521 Datasheet HTML 10Page - Analog Devices LT1521 Datasheet HTML 11Page - Analog Devices LT1521 Datasheet HTML 12Page - Analog Devices LT1521 Datasheet HTML 13Page - Analog Devices LT1521 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LT1521/LT1521-3
LT1521-3.3/LT1521-5
10
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
+
VIN
VOUT
LT1521
GND
IN
SHDN
OUT
ADJ
LT1521 • F01
VOUT = 3.75V 1 +
+ (IADJ • R2)
VADJ = 3.75V
IADJ = 50nA AT 25°C
OUTPUT RANGE = 3.75V TO 20V
R2
R1
)
)
R1
R2
Figure 2. Adjustable Operation
The LT1521 is a 300mA low dropout regulator with
micropower quiescent current and shutdown. The device
is capable of supplying 300mA at a dropout of 0.5V and
operates with very low quiescent current (12µA). In shut-
down, the quiescent current drops to only 6µA. In addition
to the low quiescent current, the LT1521 incorporates
several protection features which make it ideal for use in
battery-powered systems. The device is protected against
both reverse input voltages and reverse output voltages.
In battery backup applications where the output can be
held up by a backup battery when the input is pulled to
ground, the LT1521 acts like it has a diode in series with
its output and prevents reverse current flow.
Adjustable Operation
The adjustable version of the LT1521 has an output voltage
range of 3.75V to 20V. The output voltage is set by the
ratio of two external resistors as shown in Figure 2. The
device servos the output voltage to maintain the voltage
at the adjust pin at 3.75V. The current in R1 is then equal
to 3.75V/R1. The current in R2 is equal to the sum of the
current in R1 and the adjust pin bias current. The adjust
pin bias current, 50nA at 25°C, flows through R2 into the
adjust pin. The output voltage can be calculated using the
formula in Figure 2. The value of R1 should be less than
400k to minimize errors in the output voltage caused by
the adjust pin bias current. Note that in shutdown the
output is turned off and the divider current will be zero.
Curves of Adjust Pin Voltage vs Temperature and Adjust
Pin Bias Current vs Temperature appear in the Typical
Performance Characteristics. The reference voltage at
the adjust pin has a positive temperature coefficient of
approximately 15ppm/°C. The adjust pin bias current has
a negative temperature coefficient. These effects will tend
to cancel each other.
The adjustable device is specified with the adjust pin tied
to the output pin. This sets the output voltage to 3.75V.
Specifications for output voltages greater than 3.75V will
be proportional to the ratio of the desired output voltage to
3.75V; (VOUT/3.75V). For example: load regulation for an
output current change of 1mA to 300mA is –20mV typical
at VOUT = 3.75V. At VOUT = 12V, load regulation would be:
(12V/3.75V)(–20mV) = –64mV
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125°C). The
power dissipated by the device will be made up of two
components:
1. Output current multiplied by the input/output voltage
differential: IOUT(VIN – VOUT), and
2. Ground pin current multiplied by the input voltage:
(IGND)(VIN)
The ground pin current can be found by examining the
Ground Pin Current curves in the Typical Performance
Characteristics. Power dissipation will be equal to the
sum of the two components listed above.
TheLT1521seriesregulatorshaveinternalthermallimiting
designed to protect the device during overload conditions.
Forcontinuousnormalloadconditionsthemaximumjunc-
tion temperature rating of 125°C must not be exceeded.
It is important to give careful consideration to all sources
of thermal resistance from junction to ambient. Additional
heat sources mounted nearby must also be considered.
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
The following tables list thermal resistance for each pack-
age. Measured values of thermal resistance for several



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com