Electronic Components Datasheet Search
  English  ▼

X  

LT1521 Datasheet(PDF) 12 Page - Analog Devices

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1521 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT1521 Datasheet HTML 8Page - Analog Devices LT1521 Datasheet HTML 9Page - Analog Devices LT1521 Datasheet HTML 10Page - Analog Devices LT1521 Datasheet HTML 11Page - Analog Devices LT1521 Datasheet HTML 12Page - Analog Devices LT1521 Datasheet HTML 13Page - Analog Devices LT1521 Datasheet HTML 14Page - Analog Devices LT1521 Datasheet HTML 15Page - Analog Devices LT1521 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LT1521/LT1521-3
LT1521-3.3/LT1521-5
12
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Current limit protection and thermal overload protection
are intended to protect the device against current overload
conditions at the output of the device. For normal opera-
tion, the junction temperatures should not exceed 125°C.
The input of the device will withstand reverse voltages
of 20V. Current flow into the device will be limited to less
than 1mA (typically less than 100µA) and no negative
voltage will appear at the output. The device will protect
both itself and the load. This provides protection against
batteries that can be plugged in backward.
For fixed voltage versions of the device, the output can
be pulled below ground without damaging the device. If
the input is left open circuit or grounded, the output can
be pulled below ground by 20V. The output will act like an
open circuit, no current will flow out of the pin. If the input
is powered by voltage source, the output will source the
short-circuit current of the device and will protect itself by
thermal limiting. For the adjustable version of the device,
the output pin is internally clamped at one diode drop
below ground. Reverse current for the adjustable device
must be limited to 5mA.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled
to ground, pulled to some intermediate voltage or is left
open circuit. Current flow back into the output will vary
depending on the conditions. Many battery-powered
circuits incorporate some form of power management.
The following information will help optimize battery life.
Table 4 summarizes the following information.
The reverse output current will follow the curve in Fig-
ure 3 when the input is pulled to ground. This current
flows through the output pin to ground. The state of the
shutdown pin will have no effect on output current when
the input pin is pulled to ground.
In some applications it may be necessary to leave the
input on the LT1521 unconnected when the output is
held high. This can happen when the LT1521 is powered
from a rectified AC source. If the AC source is removed,
then the input of the LT1521 is effectively left floating. The
reverse output current also follows the curve in Figure 3
if the input pin is left open. The state of the shutdown pin
will have no effect on the reverse output current when the
input pin is floating.
When the input of the LT1521 is forced to a voltage below
its nominal output voltage and its output is held high, the
outputcurrentwillfollowthecurveshowninFigure 3.This
can happen if the input of the LT1521 is connected to a
discharged (low voltage) battery and the output is held up
by either a backup battery or by second regulator circuit.
When the input pin is forced below the output pin or the
output pin is pulled above the input pin, the input current
will typically drop to less than 2µA (see Figure 4). The
state of the shutdown pin will have no effect on the reverse
output current when the output is pulled above the input.
OUTPUT VOLTAGE (V)
0
50
45
40
35
30
25
20
15
10
5
0
8
LT1521 • F03
3
5
7
9
4
6
10
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VSENSE
(LT1521-3/LT1521-3.3
LT1521-5)
VOUT = VADJ (LT1521)
LT1521
LT1521-3.3
LT1521-3
LT1521-5
2
1
INPUT VOLTAGE (V)
0
5
4
3
2
1
0
4
LT1521 • F04
1
2
3
5
VOUT = 3V (LT1521-3)
VOUT = 3.3V (LT1521-3.3)
VOUT = 5V (LT1521-5)
LT1521-3
LT1521-3.3
LT1521-5
Figure 3. Reverse Output Current
Figure 4. Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com