Electronic Components Datasheet Search
  English  ▼

X  

LT3083EDF Datasheet(PDF) 21 Page - Analog Devices

Part # LT3083EDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083EDF Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3083EDF Datasheet HTML 17Page - Analog Devices LT3083EDF Datasheet HTML 18Page - Analog Devices LT3083EDF Datasheet HTML 19Page - Analog Devices LT3083EDF Datasheet HTML 20Page - Analog Devices LT3083EDF Datasheet HTML 21Page - Analog Devices LT3083EDF Datasheet HTML 22Page - Analog Devices LT3083EDF Datasheet HTML 23Page - Analog Devices LT3083EDF Datasheet HTML 24Page - Analog Devices LT3083EDF Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3083
21
Rev. B
For more information www.analog.com
Low Voltage, High Current Adjustable High Efficiency Regulator*
TYPICAL APPLICATIONS
1
1µF
274k
150µF
0.1µF
10nF
1.5k
470pF
10nF
10k
10k
100k
2
CMDSH-3
4.7µF
0.22µF
1µH
100µF
×4
150µF
1µF
60.4k
2N3906
10k
10m
10m
10m
10m
20k
10µF
x3
100µF
SVIN
PVIN
ION
RUN/SS
VRNG
SGND
PGND
EXTVCC
FCB
LTC3610
VON
ITH
PGOOD
INTVCC
BOOST
SW
VFB
LT3083
IN
VCONTROL
SET
OUT
LT3083
IN
VCONTROL
SET
OUT
LT3083
IN
VCONTROL
SET
OUT
LT3083
IN
VCONTROL
SET
OUT
8V
0V to 4V
10A (MAXIMUM)
4mA MINIMUM LOAD
DIFFERENTIAL VOLTAGE ON LT3083
IS 0.6V SET BY THE VBE OF THE 2N3906 PNP
*
= WURTH 74437349010
3083 TA13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com