Electronic Components Datasheet Search
  English  ▼

X  

LT3083EDF Datasheet(PDF) 23 Page - Analog Devices

Part # LT3083EDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083EDF Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3083EDF Datasheet HTML 19Page - Analog Devices LT3083EDF Datasheet HTML 20Page - Analog Devices LT3083EDF Datasheet HTML 21Page - Analog Devices LT3083EDF Datasheet HTML 22Page - Analog Devices LT3083EDF Datasheet HTML 23Page - Analog Devices LT3083EDF Datasheet HTML 24Page - Analog Devices LT3083EDF Datasheet HTML 25Page - Analog Devices LT3083EDF Datasheet HTML 26Page - Analog Devices LT3083EDF Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT3083
23
Rev. B
For more information www.analog.com
PACKAGE DESCRIPTION
FE16 (BB) TSSOP REV L 1216
0.09 – 0.20
(.0035 – .0079)
0
° – 8°
0.25
REF
0.50 – 0.75
(.020 – .030)
4.30 – 4.50*
(.169 – .177)
1
3 4 5 6 7 8
10 9
4.90 – 5.10*
(.193 – .201)
16 1514 13 12 11
1.10
(.0433)
MAX
0.05 – 0.15
(.002 – .006)
0.65
(.0256)
BSC
2.94 ±0.15
(.116 ±.006)
0.195 – 0.30
(.0077 – .0118)
TYP
2
RECOMMENDED SOLDER PAD LAYOUT
0.45
±0.05
0.65 BSC
4.50
±0.10
6.60
±0.10
1.05
±0.10
2.94
(.116)
3.05
(.120)
3.70 ±0.15
(.146 ±.006)
3.70
(.146)
4.70
(.185)
MILLIMETERS
(INCHES)
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
4. RECOMMENDED MINIMUM PCB METAL SIZE
FOR EXPOSED PAD ATTACHMENT
SEE NOTE 4
NOTE 5
NOTE 5
6.40 ±0.15
(.252 ±.006)
FE Package
16-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1663 Rev L)
Exposed Pad Variation BB
5. BOTTOM EXPOSED PADDLE MAY HAVE METAL PROTRUSION
IN THIS AREA. THIS REGION MUST BE FREE OF ANY EXPOSED
TRACES OR VIAS ON PCB LAYOUT
*DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.150mm (.006") PER SIDE
DETAIL A
DETAIL A IS THE PART OF THE
LEAD FRAME FEATURE FOR
REFERENCE ONLY
NO MEASUREMENT PURPOSE
0.56
(.022)
REF
0.53
(.021)
REF
DETAIL A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com