Electronic Components Datasheet Search
  English  ▼

X  

20190 Datasheet(PDF) 11 Page - Wiha Tools

Part # 20190
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

20190 Datasheet(HTML) 11 Page - Wiha Tools

Back Button 20190 Datasheet HTML 7Page - Wiha Tools 20190 Datasheet HTML 8Page - Wiha Tools 20190 Datasheet HTML 9Page - Wiha Tools 20190 Datasheet HTML 10Page - Wiha Tools 20190 Datasheet HTML 11Page - Wiha Tools 20190 Datasheet HTML 12Page - Wiha Tools 20190 Datasheet HTML 13Page - Wiha Tools 20190 Datasheet HTML 14Page - Wiha Tools 20190 Datasheet HTML 15Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
Insulated 1/4” Extension Bars, ASTM F-1505-01,
EN/IEC 60900 & CSA Chrome-Vanadium steel.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
1/4”
50
2.0
.08
1
1/4”
100
3.9
.12
1
1000Volt
1000Volt
13 Piece Insulated 1/4” Drive Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated after EN/IEC 60900.
Item No.
Set includes the following:
3/16, 7/32, 1/4, 9/32, 5/16, 11/32,
lbs.
3/8, 7/16, 1/2, 9/16”
1.39
1/4” x 50mm Extension Bar
1/4” x 100mm Extension Bar
1/4” Ratchet - 140mm
1000Volt
13 Piece Insulated 1/4” Drive Socket Set - Metric
CV steel, forged, oil-hardened sockets. Insulated after EN/IEC 60900.
Item No.
Set includes the following:
5, 6, 7, 8, 9, 10, 11, 12, 13, 14mm
lbs.
1/4” x 50mm Extension Bar
1.41
1/4” x 100mm Extension Bar
1/4” Ratchet - 140mm
Insulated 1/4” Drive T-handle, With Insulated Handle
Insulation according to EN/IEC 60900 & CSA specification, up to
1000 Volt. Individually Tested. Blade CV steel, hardened.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
1/4
160
6.2”
.57
1
1000Volt
Wiha Insulated 1/4” Sockets & Sets
Wiha Insulated 1/4” Socket accessories
1000Volt
11 Piece Insulated 1/4” T-handle & Socket Set - Metric
CV steel, forged, oil-hardened sockets. Insulated after EN/IEC 60900.
Item No.
Set includes the following:
5, 6, 7, 8, 9, 10, 11, 12, 13, 14mm
lbs. 1.40
Insulated 1/4” T-handle
1000Volt
11 Piece Insulated 1/4” T-handle & Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated after EN/IEC 60900.
Item No.
Set includes the following:
3/16, 7/32, 1/4, 9/32, 5/16, 11/32,
lbs.
3/8, 7/16, 1/2, 9/16”
1.40
Insulated 1/4” T-handle
Each tool individually tested to 10,000 volts &
certified to 1000 Volt ac or 1500 Volt dc
31390
31390
31391
31391
31394
31394
31395
31395
29006
29006
128
12854
12855
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com