Electronic Components Datasheet Search
  English  ▼

X  

20190 Datasheet(PDF) 18 Page - Wiha Tools

Part # 20190
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

20190 Datasheet(HTML) 18 Page - Wiha Tools

Back Button 20190 Datasheet HTML 14Page - Wiha Tools 20190 Datasheet HTML 15Page - Wiha Tools 20190 Datasheet HTML 16Page - Wiha Tools 20190 Datasheet HTML 17Page - Wiha Tools 20190 Datasheet HTML 18Page - Wiha Tools 20190 Datasheet HTML 19Page - Wiha Tools 20190 Datasheet HTML 20Page - Wiha Tools 20190 Datasheet HTML 21Page - Wiha Tools 20190 Datasheet HTML 22Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
Insulated TorqueVario-S, With Window Scale Insulation
up to 1000 Volt. EN/IEC 60900 EN ISO 6798, BS EN 26789,
ASME B107.14M &CSA, +/- 6% Accuracy. Ergonomic multi-component
handle, light & compact. Handle sizes proportioned to optimize torque
range. Audible & perceptible click when torque setting has been attained.
Item
Range
No.
Inch lbs.
Increments
mm
lbs.
pkg.
7.5 - 20
.5 Inch lbs
126 - 131
.43
1
10 - 50
2 Inch lbs
133 - 138
.40
1
20 - 70
2 Inch lbs
137 - 142
.69
1
Each TorqueVario handle has unique serial number & certificate of calibration
Wiha Insulated TorqueControl Tools
Includes Certificate
Wiha Multi-Bit Screwdrivers
Multi-Bit Screwdriver Sets with Wiha Powerhandle,
cellulose-acetate, impact resistant. Snap-lock rotatable cap.
Chambered bit holder equipped with transparent selector and 6 bits.
1/4” Bit holder, stainless steel. Shaft chrome-vanadium-molybdenum
steel, hardened, chrome-plated. Packaged in clear blister package.
Blade Length = 120mm (4.7”) Overall Length = 230mm (9”)
Six Tools in One!
Slotted/Phillips Multi-Bit Screwdriver
With Wiha Powerhandle and insulated shaft.
Set includes the following 1/4” bits:
Slotted Sizes: 5.5, 6.5mm
lbs.
Phillips Sizes: 0, 1, 2, 3
.39
Slotted/Phillips/Square Multi-Bit Screwdriver
With Wiha Powerhandle and insulated shaft.
Set includes the following 1/4” bits:
Slotted Sizes: 6.5, 8.0mm
lbs.
Phillips Sizes: 1, 2
.41
Square Sizes: 1, 2
Insulated Bit Holder
Insulation meets EN/IEC 60900
Tested to
10,000 Volts
1000Volt
Magnetic Bit Holder, 1/4” Wiha Powerhandle & insulated
shaft. Holder only can hold up to 6 bits.
lbs. .26
Wiha Insulated TorqueControl & SlimLine Tool Sets
Insulated SlimLine Torque Blade Holder
Chrome-vanadium-molybdenum steel. Through hardened black finish.
ClicFix quick release holder securely locks bits.
Item
OAL
OAL
No.
mm
mm
Inch
lbs.
pkg.
6.0
170
6.7
.02
1
1000Volt
8 Piece Insulated TorqueControl Set With Slotted &
Phillips SlimLine Blades Certified to EN ISO 6798, BS EN 26789,
ASME B107.14M. Set includes Insulated multi-component adjustable
TorqueVario-S handle, 5 SlimLine blades, SlimLine blade holder &
Torque adjustment tool.
Item No.
lbs.
SlimLine Slotted: 3.0, 4.0, 5.5mm
.87
SlimLine Phillips: #1, #2
28726 - Handle Range 10-50 Inch/lbs.
SlimLine Blade Holder
With Certificate of Calibration
16 Piece Insulated TorqueControl Set With SlimLine
Blades Certified to EN ISO 6798, BS EN 26789, ASME B107.14M. Set
includes Insulated multi-component adjustable TorqueVario-S handle,
13 SlimLine blades, SlimLine blade holder & Torque adjustment tool.
Item No.
lbs.
SlimLine Slotted: 4.0, 5.5, 6.5mm
1.27
SlimLine Phillips: #1, 2
SlimLine Terminal Xeno: #1, 2
SlimLine
: T8, T10, T15, T20
SlimLine Square: #1, 2
28727 - Handle Range 20-70 Inch/lbs.
SlimLine Blade Holder
With Certificate of Calibration
1000Volt
1000Volt
Includes SlimLine blade holder
Item
Range
No.
Nm
mm
lbs.
pkg.
0.6 - 2.0
131
.45
1
1.0 - 5.0
138
.45
1
2.0 - 8.0
142
.72
1
Insulated TorqueVario-S Handle - In Newton Meter Scale
380 Sets
38006
38007
38025
287
28724
28726
28727
28734
28736
28737
287
28350
28350
28791
28791
28792
28792
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com