Electronic Components Datasheet Search
  English  ▼

X  

32490 Datasheet(PDF) 3 Page - Wiha Tools

Part # 32490
Description  speedE®II Electric Screwdriver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32490 Datasheet(HTML) 3 Page - Wiha Tools

  32490 Datasheet HTML 1Page - Wiha Tools 32490 Datasheet HTML 2Page - Wiha Tools 32490 Datasheet HTML 3Page - Wiha Tools 32490 Datasheet HTML 4Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
speedE®II
Electric Screwdriver
The Wiha Insulated speedE®II electric screwdriver is faster, stronger, and more efficient than ever. The new
speedE®II now features two power levels (0.4 Nm - 1.0 Nm or 3.5 in-lbs - 8.8 in-lbs) for an improved range
of performance. Upon reaching the torque capacity, simply continue turning fastener by hand using the built-in
ratcheting function to reach the desired tightness and thereby decreasing risk of equipment damage. Change
power levels by toggling a switch integrated into a form-fit handle that delivers comfort and control and
features a ring light for low-light work environments. Comes with rechargeable lithium-ion batteries for
driving up to 800 fasteners per charge—USB charger with plug adapter is included.
SKU: 32490
Details
> VDE Certified and meet EN/IEC 60900 testing standards
for protection against arc flash explosion
> ASTM F1505 standard specifications
for insulated and insulating hand tools
> NFPA-70E standards
for electrical safety on the job site
> CSA testing benchmarks
for safety and performance
> Rechargeable Lithium-Ion Batteries
for driving up to 800 fasteners per charge
> Charger is a USB connection with plug adapter
for versatile charging capabilities
> Backed by the Wiha No Hassle Guarantee
Weight (lbs)
2.14000
RoHS Compliant Yes
Head Type
slotted, phillips, square
terminal xeno
Pieces In Set
13
UPC
084705324906
UNSPSC
27112710
Slotted 3.5 | 5.5mm
Phillips #1 | #2
Square #1 | #2
Terminal Xeno #1 | #2
switch to a new power level
of 1.0 Nm, speedE®II is now
also the ideal tool for screw
driving tasks requiring
greater force
*speedE electric screwdriver is only insulated when used with
Wiha SlimLine blades



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com