Electronic Components Datasheet Search
  English  ▼

X  

32490 Datasheet(PDF) 4 Page - Wiha Tools

Part # 32490
Description  speedE®II Electric Screwdriver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32490 Datasheet(HTML) 4 Page - Wiha Tools

  32490 Datasheet HTML 1Page - Wiha Tools 32490 Datasheet HTML 2Page - Wiha Tools 32490 Datasheet HTML 3Page - Wiha Tools 32490 Datasheet HTML 4Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E-SCREWDRIVER speedE®II ELECTRIC
speedE®II Electric 13 Piece Set
speedE®II that works for you
1 Year Warranty
Within 30 days of purchase register your speedE®II at:
USA / MEXICO / SOUTH AMERICA www.wihatools.com/register
CANADA www.wihatools.ca/register
5.75”/146mm
1.6”/41mm
Diameter
8.0”/203mm
13 Pc. speedE®II Electric Screwdriver With SlimLine Blades
Certified to EN ISO, BS EN, ASME. Set includes speedE®II electric 0.4 & 1.0 Nm handle,
8 Insulated SlimLine blades, 2 Li-Ion rechargeable batteries & wall plug adapter/charger.
Item
s
peedE®II Handle Range: 0.4 Nm & 1.0 Nm
No.
Insulated SlimLine Blades Include:
32490
SlimLine Slotted: 3.5, 5.5mm
SlimLine Phillips: #1, #2
lbs.
SlimLine Square: #1, #2
2.14
SlimLine Terminal Xeno Sl/Ph: #1, #2
*speedE electric screwdriver is only insulated when used with Wiha SlimLine blades
Packaging
H 2-5/8”
W 10-1/4”
L 6-1/8”
32490
speedE®II made in Germany
Set contains global components
Flyer #99032
speedE®II made in Germany
Set contains global components
Wiha Tools, Ltd.
1348 Dundas Circle
Monticello, MN 55362
Tel 800.494.6104
Fax 763.295.6598
Cservice@wihatools.com
www.wihatools.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com