Electronic Components Datasheet Search
  English  ▼

X  

SMTPA Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMTPA
Description  TRISILETM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTPA Datasheet(HTML) 1 Page - STMicroelectronics

  SMTPA Datasheet HTML 1Page - STMicroelectronics SMTPA Datasheet HTML 2Page - STMicroelectronics SMTPA Datasheet HTML 3Page - STMicroelectronics SMTPA Datasheet HTML 4Page - STMicroelectronics SMTPA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMTPA SERIES
®
TRISIL
™
October 1998 - Ed: 7A
SCHEMATIC DIAGRAM
BIDIRECTIONAL CROWBAR PROTECTION.
BREAKDOWN VOLTAGE RANGE:
From 62 V To 270 V.
HOLDING CURRENT = 150 mA min
REPETITIVE PEAK PULSE CURRENT :
IPP = 50 A, 10/1000
µs.
FEATURES
SMB
(JEDEC DO-214AA)
The SMTPAxx series has been designed to protect
telecommunication equipment against lightning
and transient induced by AC power lines.
DESCRIPTION
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
(CCITT) ITU-K20
1000
10/700
5/310
25
-
(CCITT) ITU-K17
1500
10/700
5/310
38
-
VDE0433
2000
10/700
5/310
50
-
VDE0878
2000
1.2/50
1/20
50
-
IEC-1000-4-5
level 3
level 4
10/700
1.2/50
5/310
8/20
50
100
-
-
FCC Part 68, lightning surge
type A
1500
800
10/160
10/560
10/160
10/560
75
55
12.5
6.5
FCC Part 68, lightning surge
type B
1000
9/720
5/320
25
-
BELLCORE TR-NWT-001089
First level
2500
1000
2/10
10/1000
2/10
10/1000
150
50
11.5
10
BELLCORE TR-NWT-001089
Second level
5000
2/10
2/10
150
11.5
CNET l31-24
1000
0.5/700
0.8/310
25
-
1/5


Similar Part No. - SMTPA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA STMICROELECTRONICS-SMTPA Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMTPA STMICROELECTRONICS-SMTPA Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
SMTPA100 STMICROELECTRONICS-SMTPA100 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMTPA100 STMICROELECTRONICS-SMTPA100 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
logo
Galaxy Semi-Conductor H...
SMTPA100 BILIN-SMTPA100 Datasheet
346Kb / 6P
TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com