Electronic Components Datasheet Search
  English  ▼

X  

SMTPA Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMTPA
Description  TRISILETM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTPA Datasheet(HTML) 4 Page - STMicroelectronics

  SMTPA Datasheet HTML 1Page - STMicroelectronics SMTPA Datasheet HTML 2Page - STMicroelectronics SMTPA Datasheet HTML 3Page - STMicroelectronics SMTPA Datasheet HTML 4Page - STMicroelectronics SMTPA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSM (A)
Fig. 1: Non repetitive surge peak on-state current
versus overload duration (Tj initial=25
°C).
Fig. 2: Relative variation of holding current versus
junction temperature.
tp(s)
Fig. 5: Transient thermal impedance junction to
ambient versus pulse duration (for FR4 PC Board
with Tlead = 10 mm).
V (V)
R
Fig. 3: Relative variation of junction capacitance
versus reverse applied voltage (typical values).
Note: For VRM upper than 56V, the curve is ex-
trapolated (dotted line).
I (A)
T
V (V)
T
Fig. 4: On-state current versus on-state voltage
(typical values).
SMTPA xxx
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com