Electronic Components Datasheet Search
  English  ▼

X  

66980 Datasheet(PDF) 2 Page - Wiha Tools

Part # 66980
Description  9 Piece Ball End Color Coded Hex L-Key Set – Metric
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

66980 Datasheet(HTML) 2 Page - Wiha Tools

  66980 Datasheet HTML 1Page - Wiha Tools 66980 Datasheet HTML 2Page - Wiha Tools 66980 Datasheet HTML 3Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Durable L-Key Holder for organization and security
Wiha premium-quality tool steel for strength and durability
CNC precision machined for reduced cam out
Chamfered end for smooth fastener engagement
Chrome-plated satin finish for corrosion protection
Ball End Drivers for fastener interlock of up to 25°
Size marked on holde for easy identification
NOT insulated. Will NOT protect against electrical shock
Designed and engineered by Wiha Germany
Manufactured in Germany
Backed by the Wiha No Hassle Guarantee
Details:
L-Key Sizes:
1.5mm, 2mm, 2.5mm, 3mm, 4mm, 5mm, 6mm, 8mm, and 10mm
Wiha Color Coded Ball End Hex L-Keys stand out with bright-bold color coding so you
can quickly and easily find the right L-Key and feature textured surface shafts for
improved grip and slip resistance caused by sweat or oils. Stay organized with the
included durable L-Key holder with size call-outs to keep them in order and secure.
Ideal for fastening screws in limited access locations or requiring more
torque, Wiha Color Coded Ball End Hex L-Keys consist of Wiha premium quality tool
steel engineered for strength and durability, boast CNC precision-
machined for reduced cam out, chamfered ends for smooth fastener engagement, no
cut off burrs or impact distortions, chrome-plated satin finish for corrosion protection,
and include ball end drivers for fastener interlock of up to 25°.
Wiha premium quality Color-Coded Ball End Hex L-Keys are designed and engineered
by Wiha Germany and manufactured in Germany. You can buy with confidence
knowing that Wiha stands behind our products with what we believe is the best No
Hassle Guarantee in the industry.
SKU
66980
Weight (lbs)
1.110000
Country of
Manufacture
Germany



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com