Electronic Components Datasheet Search
  English  ▼

X  

66980 Datasheet(PDF) 3 Page - Wiha Tools

Part # 66980
Description  9 Piece Ball End Color Coded Hex L-Key Set – Metric
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

66980 Datasheet(HTML) 3 Page - Wiha Tools

  66980 Datasheet HTML 1Page - Wiha Tools 66980 Datasheet HTML 2Page - Wiha Tools 66980 Datasheet HTML 3Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Head Type
hex metric
Pieces In Set
9
L-Key Features
Ball End, Color Coded
California Residents
Click for Proposition 65 warning
UPC
084705669809
Hex Metric Sizes
1.5mm, 2.0mm, 3.0mm, 4.0mm, 5.0mm, 6.0mm,
8.0mm, 10.0mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com