Electronic Components Datasheet Search
  English  ▼

X  

C5E200C Datasheet(PDF) 2 Page - Lapp.

Part # C5E200C
Description  Ethernet Cable, Connectors & Tools
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

C5E200C Datasheet(HTML) 2 Page - Lapp.

  C5E200C Datasheet HTML 1Page - Lapp. C5E200C Datasheet HTML 2Page - Lapp. C5E200C Datasheet HTML 3Page - Lapp. C5E200C Datasheet HTML 4Page - Lapp. C5E200C Datasheet HTML 5Page - Lapp. C5E200C Datasheet HTML 6Page - Lapp. C5E200C Datasheet HTML 7Page - Lapp. C5E200C Datasheet HTML 8Page - Lapp. C5E200C Datasheet HTML 9Page - Lapp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
291
EPIC®
Rectangular Connector Reference
Quick Select Summary: Housings
EPIC® HB Series Housings with Double Levers on Base
Quick Select
EPIC® HA 3/4 Rectangular Connectors with Single Lever on Base
EPIC® HB Series Rectangular Connectors
Complete with a PG SKINTOP® Cable Gland
Description
PG
NPT
HB 10
HB 16
HB 24
HB 32
Gray
Black
Metal
MS-SC
Top Entry Hood with Double Lever Bolts
16
½”
100400
—
—
—
53015040
53015340
52015740
53112240
21
¾”
100401
100800
101210
101330
53015050
53015350
52015750
53112250
29
1”
—
100900
101110
101340
53015060
53015360
52015760
53112260
36
1¼”
—
—
—
—
53015070
53015370
52015765
53112270
Top Entry High Profile Hood with Double Lever Bolts
21
¾”
700504
701002
701504
—
53015050
53015350
52015750
53112250
29
1”
700506
701004
701506
—
53015060
53015360
52015760
53112260
Side Entry Hood with Double Lever Bolts
16
½”
100420
—
—
—
53015040
53015340
52015740
53112240
21
¾”
100421C0
100820
101130
101350
53015050
53015350
52015750
53112250
29
1”
—
100920
101230
101360
53015060
53015360
52015760
53112260
Side Entry High Profile Hood with Double Lever Bolts
21
¾”
700524
701022
701524
—
53015050
53015350
52015750
53112250
29
1”
700526
701024
701526
—
53015060
53015360
52015760
53112260
Panel Mount Base with Double Levers
—
—
100320C0
100720C0
101020C0
101320C0
—
—
—
—
Surface Mount Base with Double Levers
2 entries
16
½”
100350
—
—
—
53015040
53015340
52015740
53112240
1 entry
16
½”
100340
—
—
—
53015040
53015340
52015740
53112240
2 entries
21
¾”
—
100750
101050
—
53015050
53015350
52015750
53112250
1 entry
21
¾”
—
100740
101040
—
53015050
53015350
52015750
53112250
2 entries
29
1”
—
—
—
101380
53015060
53015360
52015760
53112260
1 entry
29
1”
—
—
—
101370
53015060
53015360
52015760
53112260
High Profile Surface Mount Base with Double Levers
2 entries
21
¾”
700362
700862
701362
—
53015050
53015350
52015750
53112250
1 entry
21
¾”
700352
700852
701352
—
53015050
53015350
52015750
53112250
2 entries
29
1”
700364
700864
701364
—
53015060
53015360
52015760
53112260
1 entry
29
1”
700354
700854
701354
—
53015060
53015360
52015760
53112260
Cable Coupler Hood with Double Levers
16
½”
100460
—
—
—
53015040
53015340
52015740
53112240
21
¾”
700402
100860
101270
101390
53015050
53015350
52015750
53112250
29
1”
—
100960C0
101170
101395
53015060
53015360
52015760
53112260
High Profile Cable Coupler Hood with Double Levers
21
¾”
700404R
—
701404R
—
53015050
53015350
52015750
53112250
29
1”
700406
700904
701406
—
53015060
53015360
52015760
53112260
For NPT parts: add “NP” to the end of 6-digit part numbers or replace the last two digits of an
8-digit part number with “NP”. Metric parts are also available.
Rectangular Hoods
Surface Mount Bases & Cable Coupler Hoods
Panel Mount Bases
PG with cable gland
NPT without cable gland
PG with cable gland
NPT without cable gland
Standard
Angled
With Cover
Material
PG
NPT
Top Entry
Side Entry
Top Entry
Side Entry
Base
Coupler
Base
Coupler
Zinc Die Cast 11
½”
10426500 10427500 105121NP 105123NP 10424500 10429500 105127NP 105129NP 10422500 10423500 44429015
Black Plastic 11
½”
10426700 10620600 104255NP 104273NP
—
10620300
—
104292NP 10422200 10423100
-
Gray Plastic 11
½”
10426400 10427100 104260NP 104270NP 10424200 10429100 104240NP 104290NP 10422000 10423000
-
PG
Gray
Black
Metal
MS-SC
11
53015020
53015320
52015720
53112220
Complete with a SKINTOP® Cable Gland
EPIC® connectors mate with SKINTOP® glands without locknuts.
Use of tapered (NPT) threads is not recommended with EPIC®
rectangular connectors, unless a thread sealant is used.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com