Electronic Components Datasheet Search
  English  ▼

X  

C5E200C Datasheet(PDF) 3 Page - Lapp.

Part # C5E200C
Description  Ethernet Cable, Connectors & Tools
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

C5E200C Datasheet(HTML) 3 Page - Lapp.

  C5E200C Datasheet HTML 1Page - Lapp. C5E200C Datasheet HTML 2Page - Lapp. C5E200C Datasheet HTML 3Page - Lapp. C5E200C Datasheet HTML 4Page - Lapp. C5E200C Datasheet HTML 5Page - Lapp. C5E200C Datasheet HTML 6Page - Lapp. C5E200C Datasheet HTML 7Page - Lapp. C5E200C Datasheet HTML 8Page - Lapp. C5E200C Datasheet HTML 9Page - Lapp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
301
EPIC®
Rectangular Connector Inserts
EPIC® HBE Series
Screw-Terminated
Machined Contacts
2.5 mm Diameter
crimp contacts sold
separately, see below
all dimensions are in mm.
For removal of contacts, use a slotted screwdriver;
no special tool is necessary.
Crimp-Terminated
Screwless Cage Clamp
view from cable side
part number = 1 contact, sold in bags of 100
Photographs are not to scale and are not true representations of the products in question.
If not otherwise specified, all values relating to the product are nominal values. For current information go to our website.
Contact Size
Stripping Length
(mm)
# of
Marking
Tracks
Silver Contacts
Gold Contacts
mm2
AWG
Pin
Socket
Pin
Socket
Pin
Socket
0.5
20
7.4
7.3
—
11190000
11195000
11192000
11197000
0.75 - 1.0
18
7.4
7.3
1
11190100
11195100
11192100
11197100
1.5
16
7.4
7.3
2
11190200
11195200
11192200
11197200
2.5
14
7.4
7.3
3
11190300
11195300
—
—
4.0
12
7.4
7.3
—
11190400
11195400
—
—
Complete the Installation
Crimp Tool:
11147000
Crimp Dies:
11147100
Locator:
11147200
Approvals: Screw & Crimp
Approvals: Cage Clamp
Compatible Housing
EPIC® HB 16
page 381
EPIC® HBE 16 Inserts
Description
Plug
Receptacle
Screw-Terminated with Wire Protection
10194000
10195000
Screw-Terminated without Wire Protection
10194100
10195100
Crimp-Terminated: Machined Contacts
10184000
10185000
Screwless Cage Clamp
10400200
10401200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com