Electronic Components Datasheet Search
  English  ▼

X  

91230 Datasheet(PDF) 34 Page - Wiha Tools

Part # 91230
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

91230 Datasheet(HTML) 34 Page - Wiha Tools

Back Button 91230 Datasheet HTML 30Page - Wiha Tools 91230 Datasheet HTML 31Page - Wiha Tools 91230 Datasheet HTML 32Page - Wiha Tools 91230 Datasheet HTML 33Page - Wiha Tools 91230 Datasheet HTML 34Page - Wiha Tools 91230 Datasheet HTML 35Page - Wiha Tools 91230 Datasheet HTML 36Page - Wiha Tools 91230 Datasheet HTML 37Page - Wiha Tools 91230 Datasheet HTML 38Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Insulated Combination Lineman’s Pliers
Item
No.
mm
Inch
Pkg. wt.
160
6.3
#10
1
.53
180
7.0
#9
1
.58
200
8.0
#8
1
.72
Combination Pliers. Insulation According to VDE 0682/
part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to
1000 volt. Individually Tested. DIN ISO 5746 Extra long cutting edge
for flat & round cables. Serrated jaws. Cutting edges additionally
induction hardened to approx. 60HRC. Special CV tool steel forgings,
Chrome finish. Use for gripping and holding as well as cutting soft and
hard wires and cables. Two component soft grip ergonomic handles.
1000volt
Safety slip
guard
Hard chrome finish for
long lasting corrosion
protection
Cutters additionally
induction hardened
Soft grip ergonomically
designed handle body
Wiha Insulated Pliers & Cutters
1000V
Insulation Standards:
EN/IEC 60900, ASTM F-1505-01,
and or According to VDE 0682/part 201,
NFPA70E and CSA
Tools Meet 10,000 Volt Test Standards
Rated to 1000 Volt ac or 1500 Volt dc
Insulated High Leverage Combination Pliers
1000volt
Lineman’s
Item
No.
mm
Inch
Pkg.
wt.
225
9.0
#4
1
.86
High Leverage Combination Pliers. Insulation According
to EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000
volt. Individually Tested. DIN ISO 5746
Extra long cutting edge for flat and round cables. Serrated jaws.
Cutting edges additionally induction hardened to approx. 64HRC.
C 60 Special tool steel. Use for gripping, pulling & holding as well as
cutting wires and cables ranging in hardness from soft to extremely
hard. Two component soft grip ergonomic handles.
Cutting Capacity
Copper AWG
Cutting Capacity
Copper AWG
Insulated Linemans Pliers With Crimpers
1000volt
5-In-1 Lineman’s Pliers
With Lower Crimping Jaw
Item
No.
mm
Inch
Pkg. wt.
225
9.0
#4
1
.88
Insulated Lineman’s Pliers “5-In-1” Professional Design
Insulation According to EN/IEC, ASTM, NFPA70E & CSA,
up to 1000 volt. Individually Tested.
Deep cut radius conduit jaws for non-slip handling. Sure grip knurled
& cross hatched flat jaw for non-slip griping. Extra long induction
hardened precision matched cutting edges. Lower crimping jaw accepts
most standard non-insulated electrical connectors. Large head with
square anvil surface on each side. Made from premium CV tool steel
forgings. Two component cushion grips for best user comfort.
Cutting Capacity
Copper AWG
34
32821
32821
32820
32820
32814
32816
32818
328
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com